Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 8Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 9Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 10Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 11Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 12Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 13Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 14Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 15Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
1. Overview
Rev.2.41
Jan 10, 2006
Page 12 of 96
REJ03B0001-0241
Figure 1.4
Marking Diagram of Flash Memory version and ROM-less version for M16C/62P (Top View)
Table 1.8
Product Code of Flash Memory version and ROMless version for M16C/62P
Product
Code
Package
Internal ROM
(User ROM Area Without Block A,
Block 1)
Internal ROM
(Block A, Block 1)
Operating
Ambient
Temperature
Program
and Erase
Endurance
Temperature
Range
Program
and Erase
Endurance
Temperature
Range
Flash memory
Version
D3
Lead-
included
100
0
°C to 60°C
100
0
°C to 60°C-40°C to 85°C
D5
-20
°C to 85°C
D7
1,000
10,000
-40
°C to 85°C-40°C to 85°C
D9
-20
°C to 85°C-20°C to 85°C
U3
Lead-free
100
100
0
°C to 60°C-40°C to 85°C
U5
-20
°C to 85°C
U7
1,000
10,000
-40
°C to 85°C-40°C to 85°C
U9
-20
°C to 85°C-20°C to 85°C
ROM-less
version
D3
Lead-
included
−−
−
−
-40
°C to 85°C
D5
-20
°C to 85°C
U3
Lead-free
−−
−
−
-40
°C to 85°C
U5
-20
°C to 85°C
M1 6 C
M 30626F H P FP
BD 5
XXXXXX X
Type No. (See Figure 1.3 Type No., Memory Size, and Package)
Chip version and product code
B
: Shows chip version.
Henceforth, whenever it changes a version, it continues with B, C, and D.
D5 : Shows Product code. (See table 1.8 Product Code)
Date code seven digits
The product without marking of chip version of the flash memory version and the ROMless version
corresponds to the chip version “A”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com