Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 2Page - Renesas Technology Corp R8C/11 Datasheet HTML 3Page - Renesas Technology Corp R8C/11 Datasheet HTML 4Page - Renesas Technology Corp R8C/11 Datasheet HTML 5Page - Renesas Technology Corp R8C/11 Datasheet HTML 6Page - Renesas Technology Corp R8C/11 Datasheet HTML 7Page - Renesas Technology Corp R8C/11 Datasheet HTML 8Page - Renesas Technology Corp R8C/11 Datasheet HTML 9Page - Renesas Technology Corp R8C/11 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Rev.1.60
Jan 27, 2006
page 6 of 26
REJ03B0034-0160
R8C/11 Group
1. Overview
Signal name
Pin name
I/O type
Power supply
Vcc,
I
input
Vss
IVcc
IVcc
O
Analog power
AVcc, AVss
I
supply input
Reset input
___________
RESET
I
CNVss
CNVss
I
MODE
MODE
I
Main clock input
XIN
I
Main clock output XOUT
O
_____
INT interrupt input
_______
_______
INT0 to INT3
I
Key input interrupt
_____
_____
KI0 to KI3
I
Timer X
CNTR0
I/O
____________
CNTR0
O
Timer Y
CNTR1
I/O
Timer Z
TZOUT
O
Timer C
TCIN
I
CMP00 to CMP02, O
CMP10 to CMP12
Serial interface
CLK0
I/O
RxD0, RxD1
I
TxD0, TxD10,O
TxD11
Reference voltage VREF
I
input
A/D converter
AN0 to AN11
I
I/O port
P00 to P07,
I/O
P10 to P17,
P30 to P33, P37,
P45
Input port
P46, P47
I
Function
Apply 2.7 V to 5.5 V to the Vcc pin. Apply 0 V to the
Vss pin.
This pin is to stabilize internal power supply.
Connect this pin to Vss via a capacitor (0.1
µF).
Do not connect to Vcc.
Power supply input pins for A/D converter. Connect the
AVcc pin to Vcc. Connect the AVss pin to Vss. Connect a
capacitor between pins AVcc and AVss.
Input “L” on this pin resets the MCU.
Connect this pin to Vss via a resistor.
Connect this pin to Vcc via a resistor.
These pins are provided for the main clock generat-
ing circuit I/O. Connect a ceramic resonator or a crys-
tal oscillator between the XIN and XOUT pins. To use
an externally derived clock, input it to the XIN pin and
leave the XOUT pin open.
______
INT interrupt input pins.
Key input interrupt pins.
Timer X I/O pin
Timer X output pin
Timer Y I/O pin
Timer Z output pin
Timer C input pin
Timer C output pins
Transfer clock I/O pin.
Serial data input pins.
Serial data output pins.
Reference voltage input pin for A/D converter. Con-
nect the VREF pin to Vcc.
Analog input pins for A/D converter
These are 8-bit CMOS I/O ports. Each port has an I/O
select direction register, allowing each pin in that port
to be directed for input or output individually.
Any port set to input can select whether to use a pull-
up resistor or not by program.
P10 to P17 also function as LED drive ports.
Port for input-only
1.6 Pin Description
Table 1.3 shows the pin description
Table 1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com