Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 13Page - Renesas Technology Corp R8C/11 Datasheet HTML 14Page - Renesas Technology Corp R8C/11 Datasheet HTML 15Page - Renesas Technology Corp R8C/11 Datasheet HTML 16Page - Renesas Technology Corp R8C/11 Datasheet HTML 17Page - Renesas Technology Corp R8C/11 Datasheet HTML 18Page - Renesas Technology Corp R8C/11 Datasheet HTML 19Page - Renesas Technology Corp R8C/11 Datasheet HTML 20Page - Renesas Technology Corp R8C/11 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
R8C/11 Group
5. Electrical Characteristics
Rev.1.60
Jan 27, 2006
page 17 of 26
REJ03B0034-0160
Figure 5.3 Reset Circuit Electrical Characteristics
Vpor1
Vcc min
Vdet(3)
Vdet(3)
tw(por1) tw(Vpor1–Vdet)
Sampling time(1, 2)
Internal reset signal
(“L” effective)
fRING-S
1
X 32
fRING-S
1
X 32
Vpor2
NOTES:
1. Hold the voltage of the microcomputer operation voltage range (Vccmin or above) within sampling time.
2. A sampling clock is selectable. Refer to “5.4 Voltage Detection Circuit” of Hardware Manual for details.
3. Vdet shows the voltage detection level of the voltage detection circuit. Refer to “5.4 Voltage Detection Circuit” for details.
4. Refer to “Table 16.6 Reset Circuit Electrical Characteristics” for electrical characteristics.
tw(por2) tw(Vpor2 –Vdet)
Table 5.6 Reset Circuit Electrical Characteristics (When Using Hardware Reset 2(1, 3))
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
Vpor2
Power-on reset valid voltage
V
Vdet
NOTES:
1. The voltage detection circuit which is embedded in a microcomputer is a factor to generate the hardware reset 2. Refer to 5.1.2 Hardware
Reset 2 of Hardware Manual for details.
2. This condition is not applicable when using with Vcc
≥ 1.0V.
3. When turning power on after the external power has been held below the valid voltage (Vpor1) for greater than 10 seconds, refer to Table 5.7
Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2).
4. tw(por2) is time to hold the external power below effective voltage (Vpor2).
Supply voltage rising time when power-on reset is canceled(2)
tW(Vpor2-
Vdet)
ms
100
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 85°C, tW(por2) ≥ 0s(4)
Table 5.7 Reset Circuit Electrical Characteristics (When Not Using Hardware Reset 2)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
0.1
NOTES:
1. When not using hardware reset 2, use with Vcc
≥ 2.7V.
2. tw(por1) is time to hold the external power below effective voltage (Vpor1).
100
1
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
0.5
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
V
Vpor1
Power-on reset valid voltage
ms
ms
ms
tW(Vpor1-
Vdet)
Supply voltage rising time when power-on reset is canceled
100
ms
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 10s(2)
–20°C
≤ Topr < 0°C, tW(por1) ≥ 10s(2)
0°C
≤ Topr ≤ 85°C, tW(por1) ≥ 1s(2)
–20°C
≤ Topr < 85°C
–20°C
≤ Topr < 0°C, tW(por1) ≥ 30s(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com