Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 22Page - Renesas Technology Corp R8C/11 Datasheet HTML 23Page - Renesas Technology Corp R8C/11 Datasheet HTML 24Page - Renesas Technology Corp R8C/11 Datasheet HTML 25Page - Renesas Technology Corp R8C/11 Datasheet HTML 26Page - Renesas Technology Corp R8C/11 Datasheet HTML 27Page - Renesas Technology Corp R8C/11 Datasheet HTML 28Page - Renesas Technology Corp R8C/11 Datasheet HTML 29Page - Renesas Technology Corp R8C/11 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
REVISION HISTORY
R8C/11 Group Datasheet
Rev.
Date
Description
Page
Summary
A-2
1.40 Sep 30, 2004
20
Table 5.12 revised ; Table 5.16 revised
22
Table 16.17 revised
24
Table 16.19 revised
1.50 Apr.27.2005
4
Table 1.2, Figure 1.2 package name revised
5
Figure 1.3 package name revised
10
Table 4.1 revised
12
Table 4.3 revised
15
Table 5.3 partly revised
16
Table 5.4 partly added
17
Table 5.6, Table 5.7 revised
18
Table 5.9, Table 10 partly revised
22
Table 5.17 partly revised
26
Package Dimensions revised
1.60 Jan.27.2006
2
Table 1.1 Performance outline revised
3
Figure 1.1 Block diagram partly revised
4
1.4 Product Information, title of Table 1.2 “Product List”
→
“Product Informaton” revised
Figure 1.2 Type No., Memory Size, and Package partly revised
6
Table 1.3 Pin description revised
7-8
2 Central Processing Unit (CPU) revised
Figure 2.1 CPU register revised
10
Table 4.1 SFR Information(1) NOTES:1 revised
11
Table 4.2 SFR Information(2) NOTES:1 revised
12
Table 4.3 SFR Information(3);
008116: “Prescaler Y”
→ “Prescaler Y Register”
008216: “Timer Y Secondary”
→ “Timer Y Secondary Register”
008316: “Timer Y Primary”
→ “Timer Y Primary Register”
008516: “Prescaler Z”
→ “Prescaler Z Register”
008616: “Timer Z Secondary”
→ “Timer Z Secondary Register”
008716: “Timer Z Primary”
→ “Timer Z Primary Register”
008C16: “Prescaler X”
→ “Prescaler X Register” revised
NOTES:1, 2 revised
13
Table 4.4 SFR Information(4) NOTES:1 revised
14
Table 5.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised
15
Table 5.3 A/D Conversion Characteristics;
“A/D operation clock frequency”
→ “A/D operating clock frequency” revised
NOTES: 1, 2, 3, 4 revised
16
Table 5.4 Flash Memory (Program ROM) Electrical Characteristics;
“Topr”
→ “Ambient temperature” revised
Measuring condition of byte program time and block erase time deleted
17
Table 5.6 Reset Circuit Electrical Characteristics (When Using Hardware Reset 2)
NOTES: 3 revised
18
Table 5.8 High-speed On-Chip Oscillator Circuit Electrical Characteristics;
“High-speed on-chip oscillator temperature dependence”
→
“High-speed on-chip oscillator frequency temperature dependence” revised
Table 5.10 Electrical Characteristics (1) [VCC=5V];
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com