Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 12Page - Renesas Technology Corp R8C/11 Datasheet HTML 13Page - Renesas Technology Corp R8C/11 Datasheet HTML 14Page - Renesas Technology Corp R8C/11 Datasheet HTML 15Page - Renesas Technology Corp R8C/11 Datasheet HTML 16Page - Renesas Technology Corp R8C/11 Datasheet HTML 17Page - Renesas Technology Corp R8C/11 Datasheet HTML 18Page - Renesas Technology Corp R8C/11 Datasheet HTML 19Page - Renesas Technology Corp R8C/11 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
R8C/11 Group
5. Electrical Characteristics
Rev.1.60
Jan 27, 2006
page 16 of 26
REJ03B0034-0160
Byte program time
Block erase time
Program, Erase voltage
Read voltage
50
0.4
µs
Parameter
Standard
Min.Typ.Max
Unit
NOTES:
1. Referenced to VCC1=AVcc=2.7 to 5.5V at Topr = 0 to 60 °C unless otherwise specified.
2. The data hold time includes time that the power supply is off or the clock is not supplied.
Measuring condition
Symbol
–
–
–
–
Program, Erase temperature
2.7
2.7
0
400
9
5.5
5.5
60
s
V
V
°C
–
Time delay from suspend request until erase
suspend
td(SR-ES)
–
Program/erase endurance
8
ms
100
times
Data hold time(2)
–
Ambient
temperature=55 °C
20
year
–
Erase Suspend Request Interval
10
ms
Table 5.4 Flash Memory Version Electrical Characteristics
Table 5.5 Voltage Detection Circuit Electrical Characteristics
Symbol
Standard
Typ.
Unit
Measuring condition
Min.
Max.
Parameter
Vdet
Voltage detection level
V
3.84.3
NOTES:
1. The measuring condition is Vcc=AVcc=2.7V to 5.5V and Topr= -40°C to 85 °C.
2. This shows the time until the voltage detection interrupt request is generated since the voltage passes Vdet.
3. This shows the required time until the voltage detection circuit operates when setting to "1" again after setting the VC27 bit in
the VCR2 register to “0”.
Voltage detection interrupt request generating time(2)
40
nA
Voltage detection circuit self consumption current
Waiting time till voltage detection circuit operation starts(3)
td(E-A)
VC27=1, VCC=5.0V
3.3
20
600
µs
µs
Vccmin
Minimum value of microcomputer operation voltage
2.7
V
FMR46
Erase-suspend request
(interrupt request)
td(SR-ES)
Figure 5.2 Time delay from Suspend Request until Erase Suspend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com