Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C/11 Datasheet HTML 11Page - Renesas Technology Corp R8C/11 Datasheet HTML 12Page - Renesas Technology Corp R8C/11 Datasheet HTML 13Page - Renesas Technology Corp R8C/11 Datasheet HTML 14Page - Renesas Technology Corp R8C/11 Datasheet HTML 15Page - Renesas Technology Corp R8C/11 Datasheet HTML 16Page - Renesas Technology Corp R8C/11 Datasheet HTML 17Page - Renesas Technology Corp R8C/11 Datasheet HTML 18Page - Renesas Technology Corp R8C/11 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
R8C/11 Group
5. Electrical Characteristics
Rev.1.60
Jan 27, 2006
page 15 of 26
REJ03B0034-0160
Table 5.3 A/D Conversion Characteristics
Standard
Min.Typ.
Max.
–
Resolution
Bit
Vref =VCC
10
SymbolParameterMeasuring conditionUnit
LSB
±3
RLADDER
tCONV
Ladder resistance
Conversion time
Reference voltage
Analog input voltage
V
VIA
VREF
0Vref
NOTES:
1. VCC=AVCC=2.7 to 5.5V at Topr = -20 to 85 °C / -40 to 85 °C, unless otherwise specified.
2. If fAD exceeds 10 MHz more, divide the fAD and hold A/D operating clock frequency (ØAD) 10 MHz or below.
3. If the AVcc is less than 4.2V, divide the fAD and hold A/D operating clock frequency (ØAD) fAD/2 or below.
4. Hold Vcc=Vref.
øAD=10 MHz, Vref=Vcc=5.0V
VREF=VCC
–
Absolute
accuracy
–
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=5.0V
±2
LSB
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=3.3V(3)
±5LSB
øAD=10 MHz, Vref=Vcc=3.3V(3)
±2LSB
10
40
k
Ω
10 bit mode
8 bit mode
øAD=10 MHz, Vref=Vcc=5.0V
øAD=10 MHz, Vref=Vcc=5.0V
3.3
2.8
µs
µs
V
A/D operating
clock frequency(2)
Without sample & hold
With sample & hold
0.25
10
MHz
1.0
10
MHz
VCC(4)
P0
P1
P2
P3
P4
30pF
Figure 5.1 Port P0 to P4 measurement circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com