Electronic Components Datasheet Search
  English  ▼

X  

R8C/11 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R8C/11
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/11 Datasheet(HTML) 2 Page - Renesas Technology Corp

  R8C/11 Datasheet HTML 1Page - Renesas Technology Corp R8C/11 Datasheet HTML 2Page - Renesas Technology Corp R8C/11 Datasheet HTML 3Page - Renesas Technology Corp R8C/11 Datasheet HTML 4Page - Renesas Technology Corp R8C/11 Datasheet HTML 5Page - Renesas Technology Corp R8C/11 Datasheet HTML 6Page - Renesas Technology Corp R8C/11 Datasheet HTML 7Page - Renesas Technology Corp R8C/11 Datasheet HTML 8Page - Renesas Technology Corp R8C/11 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Rev.1.60
Jan 27, 2006
page 2 of 26
REJ03B0034-0160
R8C/11 Group
1. Overview
Table 1.1 Performance outline
1.2 Performance Overview
Table 1.1. lists the performance outline of this MCU.
Item
Performance
CPU
Number of basic instructions 89 instructions
Minimum instruction execution time 50 ns (f(XIN) = 20 MHZ, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHZ, VCC = 2.7 to 5.5 V)
Operating mode
Single-chip
Address space
1M bytes
Memory capacity
See Table 1.2.
Peripheral
Port
Input/Output: 22 (including LED drive port), Input: 2
function
LED drive port
I/O port: 8
Timer
Timer X: 8 bits x 1 channel, Timer Y: 8 bits x 1 channel,
Timer Z: 8 bits x 1 channel
(Each timer equipped with 8-bit prescaler)
Timer C: 16 bits x 1 channel
(Circuits of input capture and output compare)
Serial Interface
•1 channel
Clock synchronous, UART
•1 channel
UART
A/D converter
10-bit A/D converter: 1 circuit, 12 channels
Watchdog timer
15 bits x 1 (with prescaler)
Interrupt
Internal: 11 factors, External: 5 factors,
Software: 4 factors, Priority level: 7 levels
Clock generation circuit
2 circuits
•Main clock generation circuit (Equipped with a built-in
feedback resistor)
•On-chip oscillator (high speed, low speed)
On High-speed on-chip oscillator the frequency adjust-
ment function is usable.
Oscillation stop detection function Main clock oscillation stop detection function
Voltage detection circuit
Included
Power on reset circuit
Included
Electrical
Supply voltage
VCC = 3.0 to 5.5 V (f(XIN) = 20 MHZ)
characteristics
VCC = 2.7 to 5.5 V (f(XIN) = 10 MHZ)
Power consumption
Typ. 9 mA (VCC = 5.0 V, (f(XIN) = 20 MHZ)
Typ. 5 mA (VCC = 3.0 V, (f(XIN) = 10 MHZ)
Typ. 35
µA (VCC = 3.0 V, Wait mode, Peripheral clock off)
Typ. 0.7
µA (VCC = 3.0 V, Stop mode)
Flash memory Program/erase supply voltage VCC = 2.7 to 5.5 V
Program/erase endurance
100 times
Operating ambient temperature
-20 to 85 °C
-40 to 85 °C (D-version)
Package
32-pin plastic mold LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com