Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 102Page - Renesas Technology Corp 4501 Datasheet HTML 103Page - Renesas Technology Corp 4501 Datasheet HTML 104Page - Renesas Technology Corp 4501 Datasheet HTML 105Page - Renesas Technology Corp 4501 Datasheet HTML 106Page - Renesas Technology Corp 4501 Datasheet HTML 107Page - Renesas Technology Corp 4501 Datasheet HTML 108Page - Renesas Technology Corp 4501 Datasheet HTML 109Page - Renesas Technology Corp 4501 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 116 page
background image
Rev.3.01
2005.02.07
page 106 of 112
REJ03B0104-0301
4501 Group
f(XIN)
f(XIN)
∆ f(XIN)
f(CNTR)
tw(CNTR)
TPON
Oscillation frequency
(with a ceramic resonator/
RC oscillation) (Note)
Oscillation frequency
(with a ceramic resonator selected,
external clock input)
Oscillation frequency error
(at RC oscillation, error value of
exteranal R, C not included)
Note: use 30 pF capacitor and vary external R
Timer external input frequency
Timer external input period
(“H” and “L” pulse width)
Valid supply voltage rising time for
power-on reset circuit
Conditions
MHz
MHz
%
Hz
s
µs
Max.
4.4
3.2
±17
f(XIN)/6
f(XIN)/12
f(XIN)/24
f(XIN)/48
100
Limits
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
VDD = 5.0 V ±10 %,
Ta = 25 °C, –20 to 85 °C
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
VDD = 0
→ 2.0 V
Min.
Typ.
3/f(XIN)
6/f(XIN)
12/f(XIN)
24/f(XIN)
Parameter
Symbol
Unit
Note: The frequency at RC oscillation is affected by a capacitor, a resistor and a microcomputer. So, set the constants within the range of the frequency limits.
Recommended operating conditions 2
(Ta = –20 °C to 85 °C, VDD = 2.7 to 5.5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com