Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 104Page - Renesas Technology Corp 4501 Datasheet HTML 105Page - Renesas Technology Corp 4501 Datasheet HTML 106Page - Renesas Technology Corp 4501 Datasheet HTML 107Page - Renesas Technology Corp 4501 Datasheet HTML 108Page - Renesas Technology Corp 4501 Datasheet HTML 109Page - Renesas Technology Corp 4501 Datasheet HTML 110Page - Renesas Technology Corp 4501 Datasheet HTML 111Page - Renesas Technology Corp 4501 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 116 page
background image
Rev.3.01
2005.02.07
page 108 of 112
REJ03B0104-0301
4501 Group
Symbol
VDD
VIA
f(XIN)
Parameter
Supply voltage
Analog input voltage
Oscillation frequency
A/D converter characteristics
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)
Conditions
Unit
V
V
V
MHz
MHz
MHz
MHz
Ta = 25 °C
Ta = –20 °C to 85 °C
VDD = 2.7 to 5.5 V
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Min.
2.7 (Note)
3.0
0
0.1
0.2
0.4
0.8
Typ.
Max.
5.5
5.5
VDD+2LSB
Limits
Symbol
–
–
–
V0T
VFST
IADD
TCONV
–
–
–
Parameter
Resolution
Linearity error
Differential non-linearity error
Zero transition voltage
Full-scale transition voltage
A/D operating current (Note 1)
A/D conversion time
Comparator resolution
Comparator error (Note 2)
Comparator comparison time
Test conditions
bits
LSB
LSB
mV
mV
mA
µs
bits
mV
µs
Ta = 25 °C, VDD = 2.7 to 5.5 V
Ta = –25 °C to 85 °C, VDD = 3.0 V to 5.5 V
Ta = 25 °C, VDD = 2.7 to 5.5 V
Ta = –25 °C to 85 °C, VDD = 3.0 V to 5.5 V
VDD = 5.12 V
VDD = 5.12 V
VDD = 5.0 V
f(XIN) = 0.4 MHz to 4.0 MHz
f(XIN) = 4.0 MHz
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Comparator mode
VDD = 5.12 V
f(XIN) = 4.0 MHz
High-speed mode
Middle-speed mode
Low-speed mode
Default mode
Min.
10
5115
Typ.
20
5125
0.3
Max.
10
±2.0
±0.9
30
5135
0.9
46.5
93.0
186
372
8
±20
6.0
12
24
48
Limits
Notes 1: When the A/D converter is used, the IADD is included to IDD.
2: As for the error from the logic value in the comparator mode, when the contents of the comparator register is n, the logic value of the comparison
voltage Vref which is generated by the built-in DA converter can be obtained by the following formula.
Logic value of comparison voltage Vref
Vref =
✕ n
n = Value of register AD (n = 0 to 255)
VDD
256
Unit
Note: System is in the reset state when the value is the detection voltage of the voltage drop detection circuit or less.
A/D converter recommended operating conditions
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com