Electronic Components Datasheet Search
  English  ▼

X  

4501 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 4501
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 108Page - Renesas Technology Corp 4501 Datasheet HTML 109Page - Renesas Technology Corp 4501 Datasheet HTML 110Page - Renesas Technology Corp 4501 Datasheet HTML 111Page - Renesas Technology Corp 4501 Datasheet HTML 112Page - Renesas Technology Corp 4501 Datasheet HTML 113Page - Renesas Technology Corp 4501 Datasheet HTML 114Page - Renesas Technology Corp 4501 Datasheet HTML 115Page - Renesas Technology Corp 4501 Datasheet HTML 116Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 114 / 116 page
background image
Rev.
Rev.
No.
date
2.0
The 4501/4502 Group data sheet is separated.
010620
Page 9: Port block diagram (3); Block diagram of P12/CNTR pin revised.
Page 25: Fig. 22 Timers structure; Block diagram of P12/CNTR pin revised.
Page 28:
(9) Precautions
→ (8) Precautions
(8) Timer input/output pin (P12/CNTR pin) added.
Fig. 23 added.
Page 29:
WATCHDOG TIMER revised all.
Page 30:
Fig. 24
→ Fig. 25, Fig. 25 → Fig. 26
Fig. 26 NOP instruction added
Page 39:
Fig. 37 Note 3 added.
Page 61:
BL p, a, BLA p instructions revised.
Page 62:
BML p, a, BMLA p instructions revised.
Page 76:
TABP p instruction revised.
Page 90:
TABP p instruction revised.
Page 92:
BL p, a, BLA p, BML p, a, BMLA p instructions revised.
Page 100: BL, BML, BLA, BMLA instructions; The second word revised.
Page 101: BL, BML, BLA, BMLA instructions; The second word revised.
Page 102: ABSOLUTE MAXIMUM RATINGS; VDD –0.3 to 6.0
→ –0.3 to 6.5
Page 103: RECOMMENDED OPERATING CONDITIONS 1;
VRST
→ 2.7
Note 1 revised.
Operating condition map added.
Page 104: RECOMMENDED OPERATING CONDITIONS 2; VRST
→ 2.7
Page 105: ELECTRICAL CHARACTERISTICS; VRST
→ 2.7
Page 106: A/D CONVERTER RECOMMENDED OPERATING CONDITIONS;
VDD (Ta = 25 °C) Min. VRST
→ 2.7, Note added
REVISION DESCRIPTION LIST
4501 GROUP DATA SHEET
(2/3)
Revision Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com