Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61283FP Datasheet HTML 8Page - Renesas Technology Corp M61283FP Datasheet HTML 9Page - Renesas Technology Corp M61283FP Datasheet HTML 10Page - Renesas Technology Corp M61283FP Datasheet HTML 11Page - Renesas Technology Corp M61283FP Datasheet HTML 12Page - Renesas Technology Corp M61283FP Datasheet HTML 13Page - Renesas Technology Corp M61283FP Datasheet HTML 14Page - Renesas Technology Corp M61283FP Datasheet HTML 15Page - Renesas Technology Corp M61283FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 12 of 54
Electrical Characteristics
(Ta = 25°C)
Input signal
Limits
Symbol
Item
Pin
SG
Test
point
Min
Typ
Max
Unit
Notes
ICC
Standard conditions
Pin 41 = 5 V, pins 3, 4, 5, 24, 33 = 0 V;
pins 10, 13 = 8 V; pin 52 = 8.7 V
ICC5V
5 V circuit current
(pin 41)
—
—
41
45
60
75
mA
VIDEO/Chroma Vcc
ICC8V
8 V circuit current
—
—
10,13
27
42
57
mA
Deflection/RGB Drive/East-West 8 V
Vcc
ICC10
Pin 10 circuit current
—
—
10
—
23
—
mA
Reference data;
Deflection/East-West Vcc
ICC13
Pin 13 circuit current
—
—
13
—
19
—
mA
Reference data;
RGB Drive 8 V Vcc
ICC52
Pin 52 circuit current
—
—
52
3
6
9
mA
8.7 VREG Vcc
Power
Power supply circuit
standard conditions
Pin 41 = 5 V, pins 3, 4, 5, 24, 33 = 0 V;
pins 10, 13 = 8 V; pin 52 = 8.7 V
V61H
8.7 VREG output
voltage 1
—
—
61
8.3
8.7
9.1
V
Pin 28 = 5 V
V61L
8.7 VREG output
voltage 2
—
—
61
—
0
0.3
V
Pin 28 = 0 V
V54
5.7 VREG output
voltage 1
—
—
54
5.55
5.8
6.05
V
Pin 28 = 5 V
V37H1
MCU 5.7 VREG
output voltage 1
—
—
37
5.45
5.7
5.95
V
Pin 28 = 5 V
V37H2
MCU 5.7 VREG
output voltage 2
—
—
37
5.45
5.7
5.95
V
Pin 28 = 0 V
Reset
Reset standard
conditions
Pin 41 = 5 V, pins 3, 4, 5, 24, 33 = 0 V;
pins 10, 13 = 8 V; pin 52 = 8.7 V
V30H
Maximum reset
output voltage
—
—
30
4.5
5.0
5.5
V
V30L
Minimum reset output
voltage
—
—
30
—
0
0.5
V
TH30
Reset threshold
voltage
—
—
30
4.0
4.2
4.4
V
I
2C
I
2C standard
conditions
—
—
—
—
—
—
—
IACK
ACK current
—
—
—
1
—
mA
Reference data
VIL
SCL/SDA VTH (L)
—
—
26,27
0.0
0.75
1.5
V
VIH
SCL/SDA VTH (H)
—
—
26,27
3.5
4.25
5.0
V
F
SCL
Clock frequency
—
—
27
—
—
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com