Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button M61283FP Datasheet HTML 24Page - Renesas Technology Corp M61283FP Datasheet HTML 25Page - Renesas Technology Corp M61283FP Datasheet HTML 26Page - Renesas Technology Corp M61283FP Datasheet HTML 27Page - Renesas Technology Corp M61283FP Datasheet HTML 28Page - Renesas Technology Corp M61283FP Datasheet HTML 29Page - Renesas Technology Corp M61283FP Datasheet HTML 30Page - Renesas Technology Corp M61283FP Datasheet HTML 31Page - Renesas Technology Corp M61283FP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 28 of 54
Method of Measurement of Electrical Characteristics
Video Block
2AGV1-4 video SW output level 1-4(CVBS1-4 input)
2AGVY1 video SW output level 1(Y input: Y/C)
2AGVY2 video SW output level 2(Y input: YCbCr)
1. Input SG.A to pin 46 (CVBS1), or pin 42 (CVBS2), or pin 38 (CVBS3), or pin 53 (CVBS4), or pin 51 (Y(Y/C)), or
pin 48 (Y(YCbCr)).
2. The amplitude (p-p) at pin 32 is measured.
* In order to select TV or external input, use the sub-addresses 0BH and 11H.
2AGVL1-4 video line SW output level 1-4(CVBS1-4 input)
2AGVYL1 video line SW output level 1(Y input: Y/C)
2AGVYL2 video line SW output level 2(Y input: YCbCr)
1. Input SG.A to pin 46 (CVBS1), or pin 42 (CVBS2), or pin 38 (CVBS3), or pin 53 (CVBS4), or pin 51 (Y(Y/C)), or
pin 48 (Y(YCbCr)).
2. The amplitude (p-p) at pin 60 is measured.
* In order to select TV or external input, use the sub-addresses 0BH, 11H, and 1F.
Y max maximum video output
1. Input SG.A to pin 46.
2. Measure the amplitude (p-p) other than the blanking part of the output of pins 14, 15, 16.
FBY video frequency characteristic
1. Input SG.B (800kHz, 5 MHz) to pin 46.
2. Measure the amplitude (p-p) other than the blanking part of the output of pins 14, 15, 16, take the results at 800 kHz
and 5 MHz as Vr1 and Vr2 respectively.
3. FBY is defined as follows.
CRF1 chroma trap attenuation 1 (normal R/G/B output)
TRF maximum chroma trap attenuation
1. Input SG.C to pin 46, measure the 3.58 MHz frequency level with TRAP ON/OFF (07H D3) DATA 1, take the
results to be N
0.
2. Also measure the level with TRAP ON/OFF (07H D3) DATA 0.
3. CRF1 is defined as follows.
4. Take the minimum value of CRF1 when the I
2C BUS data of the TRAP fine ADJ (1DH D0/D1) is adjusted to be
TRF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com