Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button M61283FP Datasheet HTML 25Page - Renesas Technology Corp M61283FP Datasheet HTML 26Page - Renesas Technology Corp M61283FP Datasheet HTML 27Page - Renesas Technology Corp M61283FP Datasheet HTML 28Page - Renesas Technology Corp M61283FP Datasheet HTML 29Page - Renesas Technology Corp M61283FP Datasheet HTML 30Page - Renesas Technology Corp M61283FP Datasheet HTML 31Page - Renesas Technology Corp M61283FP Datasheet HTML 32Page - Renesas Technology Corp M61283FP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 29 of 54
CRF2 chroma trap attenuation 2 (normal R/G/B output)
1. Input SG.L to pin 46. The input 3.58 MHz frequency level is N
1.
2. Measure the 3.58 MHz frequency level when TRAP ON/OFF (07H D3) DATA 0.
3. CRF2 is defined as follows.
YDL1: YDL time 1
1. Input SG.A to pin 46.
2. Measure the delay time relative to the input signal of pins 14, 15, 16.
The delay time at 50% rise level is measured.
YDL2, 3, 4: YDL time 2, 3, 4
1. Input SG.A to pin 46.
2. Measure the delay time of the input signal and the pin 14, 15, 16 output signals.
3. YDL2, YDL3, YDL4 are defined as follows.
YDL2 = measured value (ns) – YDL1 (measured value)
YDL3 = measured value (ns) – YDL2 (measured value)
YDL4 = measured value (ns) – YDL3 (measured value)
DLYO1: DELAYED YOUT time 1
1. Input SG.A to pin 46.
2. Measure the delay time relative to the input signal of pin 58.
The delay time at 50% rise level is measured.
DLYO2,3,4: DELAYED YOUT time 2, 3, 4
1. Input SG.A to pin 46.
2. Measure the delay time of the input signal and the pin 58 output signal.
3. DLYO2, DLYO3, DLYO4 are defined as follows.
DLYO2 = measured value (ns) - DLYO1 (measured value)
DLYO3 = measured value (ns) - DLYO2 (measured value)
DLYO4 = measured value (ns) - DLYO3 (measured value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com