Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button M61283FP Datasheet HTML 16Page - Renesas Technology Corp M61283FP Datasheet HTML 17Page - Renesas Technology Corp M61283FP Datasheet HTML 18Page - Renesas Technology Corp M61283FP Datasheet HTML 19Page - Renesas Technology Corp M61283FP Datasheet HTML 20Page - Renesas Technology Corp M61283FP Datasheet HTML 21Page - Renesas Technology Corp M61283FP Datasheet HTML 22Page - Renesas Technology Corp M61283FP Datasheet HTML 23Page - Renesas Technology Corp M61283FP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 20 of 54
Input signal
Limits
Symbol
Item
Pin
SG
Test
point
Min
Typ
Max
Unit
Notes
OFRG
Offset voltage (R-G)
46
SG.D
14,15
–100
0
100
mV
Vy = 0.0 V
OFBG
Offset voltage (B-G)
46
SG.D
15,16
–100
0
100
mV
Vy = 0.0 V
C(R)1
R cutoff control
characteristic 1
46
SG.D
14
2.8
3.1
3.4
V
Vy = 0.0 V
C(G)1
G cutoff control
characteristic 1
46
SG.D
15
2.8
3.1
3.4
V
Vy = 0.0 V
C(B)1
B cutoff control
characteristic 1
46
SG.D
16
2.8
3.1
3.4
V
Vy = 0.0 V
C(R)2
R cutoff control
characteristic 2
46
SG.D
14
1.3
1.6
1.9
V
Vy = 0.0 V
C(G)2
G cutoff control
characteristic 2
46
SG.D
15
1.3
1.6
1.9
V
Vy = 0.0 V
C(B)2
B cutoff control
characteristic 2
46
SG.D
16
1.3
1.6
1.9
V
Vy = 0.0 V
Ccon1
Color control
characteristic 1
46
SG.C
15
3
6
9
dB
Ccon2
Color control
characteristic 2
46
SG.C
15
—
–17
–12
dB
Ccon3
Color control
characteristic 3
46
SG.C
15
—
–40
–35
dB
MTXRB
Matrix ratio R/B
46
SG.G
14,16
0.9
1.10
1.2
—
MTXGB
Matrix ratio G/B
46
SG.G
15,16
0.29
0.37
0.45
—
DOSD1
Digital OSD switching
characteristic 1
23,24,
46
SG.F,
SG.A
14
—
0.05
0.13
µs
Vosd = 1.0 V, SW23 = ON
DOSD2
Digital OSD switching
characteristic 2
23,24,
46
SG.F,
SG.A
14
—
0.05
0.13
µs
Vosd = 1.0 V, SW23 = ON
AOSD1
Analog OSD
switching
characteristic 1
23,24,
46
SG.F,
SG.A
14
—
0.05
0.13
µs
Vosd = 1.0 V
AOSD2
Analog OSD
switching
characteristic 2
23,24,
46
SG.F,
SG.A
14
—
0.05
0.13
µs
Vosd = 1.0 V
BB(R)
Blue background
function (R)
46
SG.A
14
1.7
2.1
2.5
V
BB(G)
Blue background
function (G)
46
SG.A
15
1.7
2.1
2.5
V
BB(B)
Blue background
function (B)
46
SG.A
16
2.7
3.7
4.7
V
WB
White raster function
46
SG.A
14,15,
16
2.7
3.7
4.7
V
WBL-RB
White balance
difference--RB
46
SG.A
Y=30%
14,16
–80.0
–20.0
10.0
mV
White level difference with, without
burst, with reference to pin 16 (Bout)
WBL-GB
White balance
difference--GB
46
SG.A
Y=30%
14,16
–10.0
10.0
80.0
mV
White level difference with, without
burst, with reference to pin 16 (Bout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com