Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M61283FP Datasheet HTML 28Page - Renesas Technology Corp M61283FP Datasheet HTML 29Page - Renesas Technology Corp M61283FP Datasheet HTML 30Page - Renesas Technology Corp M61283FP Datasheet HTML 31Page - Renesas Technology Corp M61283FP Datasheet HTML 32Page - Renesas Technology Corp M61283FP Datasheet HTML 33Page - Renesas Technology Corp M61283FP Datasheet HTML 34Page - Renesas Technology Corp M61283FP Datasheet HTML 35Page - Renesas Technology Corp M61283FP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 32 of 54
ACC2 ACC characteristic 2
1. Input SG.E (input level: -18 dB) to pin 46.
2. Measure the pin 18 output amplitude.
3. ACC2 is defined as follows.
OV chroma overload characteristic
1. Input SG.E (eb = 800 mVp-p: chroma + 3 dB) to pin 46.
2. Measure the pin 18 output amplitude.
3. OV is defined as follows.
VikN killer operation input level
1. Input SG.E (variable level) at input level 0 dB to pin 46.
2. While monitoring the pin 18 output amplitude, lower the input level, and measure the input level when the output
amplitude vanishes.
KillP hue remaining with killer
1. Input SG.E (level: –40 dB) to pin 46.
2. Measure the pin 18 output amplitude.
APCU APC pull-in range (upper)
APCL APC pull-in range (lower)
1. Input SG.E (feb = fec = 3.579545 MHz) to pin 46.
2. After raising the frequency until the output from pin 18 vanishes, lower the frequency, and take the point at which
an output appears to be fu.
3. After lowering the frequency until the output from pin 18 vanishes, raise the frequency, and take the point at which
an output appears to be fl.
4. APCU and APCL are defined as follows.
APCU = fu – 3579545 Hz
APCL = fl – 3579545 Hz
R/BN demodulation ratio R-Y/B-Y
1. Input SG.E (eb = single chroma = ec + 50 kHz) to pin 46.
2. Take the pin 18 output amplitude when I
2C data is 11H D4 = 1 to be VRY.
3. Take the pin 18 output amplitude when I
2C data is 11H D5=1 to be VBY.
4. R/BN is defined as follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com