Electronic Components Datasheet Search
  English  ▼

X  

M61283FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61283FP
Description  NTSC TV Signal Processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61283FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61283FP Datasheet HTML 1Page - Renesas Technology Corp M61283FP Datasheet HTML 2Page - Renesas Technology Corp M61283FP Datasheet HTML 3Page - Renesas Technology Corp M61283FP Datasheet HTML 4Page - Renesas Technology Corp M61283FP Datasheet HTML 5Page - Renesas Technology Corp M61283FP Datasheet HTML 6Page - Renesas Technology Corp M61283FP Datasheet HTML 7Page - Renesas Technology Corp M61283FP Datasheet HTML 8Page - Renesas Technology Corp M61283FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
M61283FP
Rev.1.0, Sep.23.2003, page 3 of 54
Absolute Maximum Ratings
Item
Symbol
Condition
Ratings
Unit
Power supply voltage
Vcc
6.0, 10.0
V
Power dissipation
Pd
Ta = 25°C
2026
mW
Thermal reduction
Kt
16.2
mW/°C
Operating ambient temperature
Topr
–10 to 65
°C
Storage temperature
Tstg
–40 to 125
°C
Recommended Operating Conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage1 (Pin41)
Vcc1
4.75
5.0
5.25
V
Power supply voltage2 (Pin10)
Vcc2
7.6
8.0
8.4
V
Power supply voltage3 (Pin13)
Vcc3
7.6
8.0
8.4
V
Power supply voltage4 (Pin52)
Vcc4
8.3
8.7
9.1
V
Thermal Derating (Maximum Rating)
I
2C Bus Table
1. Slave Address = BAH (WRITE), BBH (READ)
A6
A5
A4
A3
A2
A1
A0
R/W
10111
011/0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com