Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61558FP Datasheet HTML 3Page - Renesas Technology Corp M61558FP Datasheet HTML 4Page - Renesas Technology Corp M61558FP Datasheet HTML 5Page - Renesas Technology Corp M61558FP Datasheet HTML 6Page - Renesas Technology Corp M61558FP Datasheet HTML 7Page - Renesas Technology Corp M61558FP Datasheet HTML 8Page - Renesas Technology Corp M61558FP Datasheet HTML 9Page - Renesas Technology Corp M61558FP Datasheet HTML 10Page - Renesas Technology Corp M61558FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 7 of 17
Layer 1 (surface)
Layer 2 (rear)
*1 Thermal derating characteristics measured for the board
specified by Renesas
(Board specifications)
Material: Glass epoxy FR-4
Dimensions: 70
× 70 mm
Thickness: t = 1.6 mm
(Wiring specifications for layers 1 and 2)
Material: Copper
Thickness: t = 18 mm
Precautions on Usage
1. This product radiates heat even during normal operation, and reaches high temperatures. There is a possibility that
characteristics failure or breakdown, including in peripheral components and circuits, may cause this product or
peripherals to reach abnormally high temperatures. Also, please take special care when using this product as the
final stage, since it may then be susceptible to damage because of external factors. This product is designed for
consumer applications. Accordingly, please use it within the specified thermal conditions. Usage of the product in
more relaxed thermal conditions may lead to malfunctions or damage to the product.
2. This product incorporates an over-current protection circuit which terminates the PWM operation when the peak
instantaneous current from the VDA or the VDB power supply exceeds 7.5 A (designed value). Please note that it is
never required to supply more current than this.
The maximum-current value is roughly below 3 A during operation with a standard 4-
Ω load.
In usage, care is required with regard to the stability of the power-supply voltage.
3. Detection of an abnormality (when the PROUT pin (pin 21) becomes low) indicates a possibility of over current, so
eliminate the cause, such as shorting of the output pins, and release the IC from the protection state (input low level
on the EN pin (pin 25)).
4. This product includes MOS FET and CMOS logic circuits. Accordingly, electrostatic break down or latch-up may be
generated within these elements. Please take the same care in using this product as in any case where MOS FET and
CMOS logic LSIs are in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com