Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61558FP Datasheet HTML 1Page - Renesas Technology Corp M61558FP Datasheet HTML 2Page - Renesas Technology Corp M61558FP Datasheet HTML 3Page - Renesas Technology Corp M61558FP Datasheet HTML 4Page - Renesas Technology Corp M61558FP Datasheet HTML 5Page - Renesas Technology Corp M61558FP Datasheet HTML 6Page - Renesas Technology Corp M61558FP Datasheet HTML 7Page - Renesas Technology Corp M61558FP Datasheet HTML 8Page - Renesas Technology Corp M61558FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev.1.0, Sep.19.2003, page 1 of 17
M61558FP
Power driver IC for 30-W
× 1-channel digital amplifiers
REJ03F0060-0100Z
Rev.1.0
Sep.19.2003
Description
The M61558FP is a power driver IC for digital power amplifiers. The IC incorporates both pre-drivers and the output-
stage n-channel power MOS FET, for a single chip implementation of a 30-W single-channel digital amplifier for audio
applications.
Features
• On-chip n-channel power MOS FET
• Fast PWM switching operation
• On-chip diode for boot strap
• Various on-chip protective circuits
 VDD under detection circuit
 Over-Temperature protection circuit
 Over-current protection circuit
Recommended Operating Conditions
Power-supply voltage for pre-drive stage: VDD = 12 V (pre-driver stage power-supply voltage)
Output-stage power-supply voltage: VD = 21 V (typ.) < 16 V (min.) to 24 V (max.), RL = 4 (min.), 6 (typ.), 8 (max.)
Ω


Similar Part No. - M61558FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61558FP RENESAS-M61558FP_15 Datasheet
228Kb / 20P
Power driver IC for 30-W 횞 1-channel digital amplifiers
More results

Similar Description - M61558FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13158A HITACHI-HA13158A Datasheet
85Kb / 15P
34 W 횞 4-Channel BTL Power IC
HA13159 HITACHI-HA13159 Datasheet
85Kb / 15P
37 W 횞 4-Channel BTL Power IC
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
Max Power 40 W BTL 횞 4CH Audio Power IC
logo
Rohm
BH6578FVM ROHM-BH6578FVM Datasheet
21Kb / 2P
1- channel loading driver IC
logo
Sanyo Semicon Device
LV8041FN SANYO-LV8041FN Datasheet
1Mb / 24P
Seven-Channel Motor Driver IC for Digital Cameras
LB8681CL SANYO-LB8681CL Datasheet
69Kb / 5P
Monolithic Digital IC Constant Current Driver IC with H-bridge 횞 1.5 Channel
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
LV8415CB SANYO-LV8415CB_12 Datasheet
218Kb / 12P
Blurring correction driver IC for DSC H bridge 횞 2ch driver
logo
Renesas Technology Corp
M61558FP RENESAS-M61558FP_15 Datasheet
228Kb / 20P
Power driver IC for 30-W 횞 1-channel digital amplifiers
logo
Texas Instruments
TAS5731M TI-TAS5731M_15 Datasheet
2Mb / 81P
TAS5731M 2 횞 30-W Digital Audio Power Amplifier With DSP and 2.1 Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com