Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61558FP Datasheet HTML 8Page - Renesas Technology Corp M61558FP Datasheet HTML 9Page - Renesas Technology Corp M61558FP Datasheet HTML 10Page - Renesas Technology Corp M61558FP Datasheet HTML 11Page - Renesas Technology Corp M61558FP Datasheet HTML 12Page - Renesas Technology Corp M61558FP Datasheet HTML 13Page - Renesas Technology Corp M61558FP Datasheet HTML 14Page - Renesas Technology Corp M61558FP Datasheet HTML 15Page - Renesas Technology Corp M61558FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 12 of 17
Internal protective circuits
1. VDD under voltage detection circuit
When the VDD power-supply voltage falls by a certain amount, the VDD under voltage protective circuit operates
to prevent malfunctions of the IC. When an abnormality is detected, the output transistor on the H side is switched
off, the output transistor on the L side is switched on, and a low level is output from the output pin. For the sake of
automatic resumption, a low level is not output from PROUT (pin 21). Of the protection states, this is only the case
for abnormal voltage-drop detection. The VDD detection circuit is connected to the common VDD power-supply
pin, VDDP (pin 20). Please set up IC-external wiring to connect the VDDA/B (pins 12, 30) to VDDP.
2. Over Temperature protection circuit
The IC incorporates an over temperature protection circuit (thermal shutdown circuit) that protects the IC from
thermal damage when the temperature of the IC (chip) rises because of an abnormality. The protection circuit is
activated before the IC’s internal junctions, etc., reach the thermal-damage temperature, and remains so until the
temperature falls to the hysteresis condition, regardless of the state of the EN pin (pin 25). In the excessive-
temperature condition, all output transistors are turned off, the output pins are released (open), and a low level is
output from PROUT to issue a notification about the abnormal state.
3. Over current protection circuit
This IC incorporates an excessive current protection circuit which terminates the PWM operation when the peak
instantaneous value of current supplied from the VDA or VDB power supply exceeds 7.5 A (designed value). In the
protection mode, all output transistors are switched off, all output pins are released (open), and a low level is output
from PROUT to notify the system of the abnormal state.
Note: The abnormality is detected on the positive side of the power-stage power supply. The conditions for
detecting a load short between output pin and VDD. VDD are not more strict short between both output
pins or between output pin and ground. Note that when shorting between VDD occurs, detection is not
possible until the abnormality affects the positive side of the power supply, so the protective operation
may not be performed.
Functions when an abnormality is detected
When an abnormality is detected, the IC operates asynchronously with respect to the PWM inputs (INA+, INB+),
controls the output-stage n-channel transistor (H or L side) and enters the protection state. The states of the PROUT and
OUT outputs and the states of each output-stage transistor are given in the table below. After the low level has been
placed on PROUT, the protection state is maintained until the EN signal is low.
State of output stage during protection operation
OUTA output-
stage transistor
OUTB output-
stage transistor
Protection
PROUT output in case of
abnormality
OUTA
output pin
OUTB
output pin
H side
L side
H side
L side
VDD voltage-drop
protection
No change (high)
Low
Low
Off
On
Off
On
Over
Temperature,
over-current
protection
Output low, held until low
level is placed on EN
Open
Open
Off
Off
Off
Off
Resuming from abnormality detection
Resumption to signal output from the individual abnormal state varies with the corresponding protective circuit. After
the conditions for resumption have been satisfied, resumption occurs on the rising edge of either INA+ or INB+,
whichever is earlier. The conditions for resumption from each abnormal state are given in the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com