Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M61558FP Datasheet HTML 4Page - Renesas Technology Corp M61558FP Datasheet HTML 5Page - Renesas Technology Corp M61558FP Datasheet HTML 6Page - Renesas Technology Corp M61558FP Datasheet HTML 7Page - Renesas Technology Corp M61558FP Datasheet HTML 8Page - Renesas Technology Corp M61558FP Datasheet HTML 9Page - Renesas Technology Corp M61558FP Datasheet HTML 10Page - Renesas Technology Corp M61558FP Datasheet HTML 11Page - Renesas Technology Corp M61558FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 8 of 17
Recommended Operating Condition
Limits
Item
Symbol
Min.
Typ.
Max.
Unit
Condition
VD power-supply voltage
VD
16
21
24
V
VDA (pins 5, 6), VDB (pins 37, 38)
VDD power-supply voltage
VDD
10.8
12.0
13.2
V
VDDA (pin 12), VDDB (pin 30), VDDP
(pin 20)
PWM frequency
fpwm
0.7
1.5
MHz
INA+ (pin 17), INB+ (pin 26)
Min. operating pulse width
Tpw MIN
40
ns
INA+ (pin 17), INB+ (pin 26)
High input voltage
VinH
4.0
5.0
V
INA+ (pin 17), INB+ (pin 26)
Low input voltage
VinL
0.0
0.8
V
INA+ (pin 17), INB+ (pin 26), EN (pin 25)
Notes:
1. PWM operation
Do not input a signal shorter than the minimum pulse width, since this may lead to unstable operation or, in the
worst case, damage to the product. Since boot-strap operation is performed, an input signal with aperiodical high
and low levels may lead to abnormal operation. Ensure that the PWM signal has periodical high and low levels. The
capacitance of the capacitor for boot-strapping in the sample application diagram is for the product in operation at
768 kHz. The thermal conditions, etc., become looser with operation at lower PWM frequencies.
2. Power-supply voltage
The normal operating condition for this product is VDD voltage < VD voltage, so ensure that this is the state during
normal operation. Setting a lower VDD voltage increases the margin against damage but carries the danger of the
under voltage detection circuit malfunctioning, so please ensure that VDD is maintained at 9 V or more.
3. Mounting (board)
The board layout must be capable of handling the same high frequencies and high levels of power as are handled by
this IC. Furthermore, components must be selected in consideration of both audio-frequency and high-frequency
characteristics. Please external note that large surges are generated by parasitic inductances during high-speed
switching. This IC is designed specifically for bridge-tied load (BTL) operation, so the design focus was on
symmetry of sides A and B. The pattern on the board must also be highly symmetrical for BTL configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com