Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61558FP Datasheet HTML 10Page - Renesas Technology Corp M61558FP Datasheet HTML 11Page - Renesas Technology Corp M61558FP Datasheet HTML 12Page - Renesas Technology Corp M61558FP Datasheet HTML 13Page - Renesas Technology Corp M61558FP Datasheet HTML 14Page - Renesas Technology Corp M61558FP Datasheet HTML 15Page - Renesas Technology Corp M61558FP Datasheet HTML 16Page - Renesas Technology Corp M61558FP Datasheet HTML 17Page - Renesas Technology Corp M61558FP Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 14 of 17
LPF circuit
The output LPF circuit must have characteristics in accord with the signal-frequency band and characteristic impedance
value of the speaker that constitutes the load. The simplest example is a second-order Butterworth filter in an LC
configuration.
Damping circuit
When the speaker is removed, the frequency characteristics of the low-pass filter may lead to problems of high-band
characteristics such as peaking. Accordingly, a high-band damping circuit should be installed in parallel with the
speaker. (Take the allowable power, etc., of the damping resistor into consideration.)
Zener diode for surge protection
Ringing, etc., occurs during the high-speed switching operation of this IC. During short-circuit, connection to ground or
VDD of load, very large surge voltages are generated. When the surge voltage exceeds the voltage tolerance of the
transistors (step-down voltage between source and drain, etc.), the IC may be damaged. We recommend that you
prevent damage to this IC by connecting a Zener diode for surge protection to the output pins (select a Zener voltage
slightly below 35 V).
Precautions on wiring for the protective circuits
PRVD (pin 18) is wired to the protective detection circuits.
Use as short a wiring run as is possible to connect this pin to a point on the VD power-supply line near the VD pin.
This point should not be readily affected by variation in voltages due to power supply and the operating conditions.
Please take care because this may affect the characteristics of the protective circuits or damage the IC.
Measures against EMI
Please note the need to reduce the levels of unwanted radiation components produced by high-speed switching
operation. For example, apply countermeasures such as raising the order of the output LPF circuit, or attaching a
capacitor with a value of about 1000 pF to the speaker pin.
Single-ended operation
This IC is for bridge-tied load (BTL) operation, but single-ended operation for an independent half-bridge configuration
is possible. In this case, note that performance changes (e.g. 30 W x 1 ch. becomes 7.5 W x 2 ch). Also, other parts of
the IC are designed on the specific assumption of BTL operation, so sufficient evaluation and examination is required.
Pop noise when turning the power supply on and off
One simple countermeasure against pop noise is to ensure that VD (power-stage power-supply voltage ) is only turned
on and off while VDD (power-supply voltage of the pre-driver stage) is applied. If this measure is ignored, pop noise
may occur when the power supply is turned on or off.
We also recommend operation under the condition VDD < VD. Consider turning the power supply on and off in the
following sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com