Electronic Components Datasheet Search
  English  ▼

X  

M61558FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61558FP
Description  Power driver IC for 30-W 횞 1-channel digital amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61558FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61558FP Datasheet HTML 1Page - Renesas Technology Corp M61558FP Datasheet HTML 2Page - Renesas Technology Corp M61558FP Datasheet HTML 3Page - Renesas Technology Corp M61558FP Datasheet HTML 4Page - Renesas Technology Corp M61558FP Datasheet HTML 5Page - Renesas Technology Corp M61558FP Datasheet HTML 6Page - Renesas Technology Corp M61558FP Datasheet HTML 7Page - Renesas Technology Corp M61558FP Datasheet HTML 8Page - Renesas Technology Corp M61558FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
M61558FP
Rev.1.0, Sep.19.2003, page 3 of 17
Sample application circuit and pin assignments
VD=21 (16 to 24)V (max. current: about 7.5 A)
470
µF
10
Ω
RL=4 to 8
1000pF
(for EMI)
Damping circuit
1
2
3
5
6
7
8
9
11
12
13
14
15
16
17
18
19
20
21
42
41
40
39
38
37
36
35
34
33
32
30
29
28
27
26
25
24
23
VDD = 12 V (from 10.8V to 13.2V)
PROUT
GND
0.022uF
1u
1u
Vz=33V
22
VDB
VDB
OUTB
OUTB
VSB
VSB
LSGINB
HSGINB
HBB
VDDB
HSGOUT
LSGOUTB
INB +
EN
FILA5V
GNDB
4
VDA
VDA
OUT A
OUT A
VSA
VSA
LSGINA
HSGINA
HBA
VDDA
HSGOUT
LSGOUT A
VDDP
INA
+
GNDA
PROUT
31
FILB5V
GNDP
DTCNTL
SUB(G ND
PRVD
FILP5V
10
6.2K
10uH
10uH
INB +
INA +
SUB(G ND
SUB(G ND
SUB(G ND
EN
PRLPFVD
10nF
10
PWM processor
MCU
100
µF
0.1
µF
10
µF
10
µF
2.7
0.1
µ
LPF
10
µF
10
µF
10
µF
2.7
10
47
µF
LPF
47
µF
0.022
µF
0.1
µF
Vz=33V
0.1
µ
0.1
µ
0.1
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com