Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 9 of 20
Switching Characteristics
(Unless specified otherwise noted, Ta = 25ºC and VCC = 5 V)
Test Pins
Limits
Item
Symbol
Input
Output
Min.
Typ.
Max.
Unit
Test Conditions
Operating frequency
fop
100
2.0
Mbps
LD current rise time (*)
tr
DATA
voltage
LD
current
1.0
2.0
nsec
LD current fall time (*)
tf
DATA
voltage
LD
current
1.0
nsec
ILD (H) = 50mA, ILD
(L) = 0mA
Rs = 840
Ω, CH =
0.047
µF, APC
adjustment; RM =
adjustment
(CH = 2.5V), Vr =
1.5V (Note 1)
APC circuit response time 1
(1% variance response time)
tRP1
Vr
voltage
LD
current
1
µsec
APC circuit response time 2
(50% variance response time)
tRP2
Vr
voltage
LD
current
3
µsec
ILD (H) = 50mA, Rs =
840
Ω, CH = 0.047µF,
DATA = 0V
APC adjustment; RM
= adjustment
(CH = 2.5V), Vr =
1.5V
± 0.5% (Note 1)
Circuit on time
tON
ENB
voltage
LD
current
350
µsec
ILD (H) = 50mA
(Note 2)
Circuit off time
tOFF
ENB
voltage
LD
current
5
µec
ILD (H) = 50mA
(Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com