Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp M61880FP Datasheet HTML 14Page - Renesas Technology Corp M61880FP Datasheet HTML 15Page - Renesas Technology Corp M61880FP Datasheet HTML 16Page - Renesas Technology Corp M61880FP Datasheet HTML 17Page - Renesas Technology Corp M61880FP Datasheet HTML 18Page - Renesas Technology Corp M61880FP Datasheet HTML 19Page - Renesas Technology Corp M61880FP Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 16 of 20
Description of Laser Switching Current Setting Circuit
I2
VB
V2
Q2
ISW2
ISW1
D2
D1
Q1
Id
2k
Ω
250µA
2XISWO
250µA
2.5V
I1
V1
1:1
VCC
2XISWO
ISW2
ISW
LD
VCC
RS
2XISWO
1.5V
AMP1
Switching current varying circuit
Switching current initial
setting circuit
Current SW
1:1
Vd
Figure 1 Switching Current Setting Equivalent Circuit
1. Switching current initial setting circuit
The switching current initial set value is set by switching current setting resistance Rs in a V-I conversion circuit using
an op-amp.
ISWO [mA] = 30
×
Vref (1.5V) [V]
RS [k
Ω]
............................ (1)
2. Switching current varying circuit
If the potential difference between the CH pin voltage and internal reference voltage is designated
∆V (= VCH – 2.5 V),
Id flowing in a 2 k
Ω resistance due to this ∆V voltage is as follows.
Id =
∆V
2k
Ω
............................ (2)
Therefore, the I1 and I2 currents are given by the following equations.
I1 = 250
µA-Id
I2 = 250
µA-Id
............................ (3)
Next, the relationship between I1, I2, ISW1, and ISW2 due to a Gilbert circuit comprising D1, D2, Q1, and Q2, is given
by the following equation.
=
Isw1
Isw2
I1
I2
............................ (4)
Also, the relationship between ISW1, ISW2, and ISW0 is given by the following equation.
Isw1 + Isw2 = 2 • Iswo
............................ (5)
Finding ISW2 from Equations (4) and (5),
ISW2 = 2 • ISWO
×
I1
I1 + I2
............................ (6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com