Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp M61880FP Datasheet HTML 14Page - Renesas Technology Corp M61880FP Datasheet HTML 15Page - Renesas Technology Corp M61880FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 12 of 20
Application Example
1. Example of sample-and-hold type self-APC circuit
20
19
18
17
16
15
14
13
12
11
ISW
50k
IB
2.5V
COMP
2RM
1RM
ENB
DATA
PD
5V
VCC
LD
NC
100pF
36
Ω
10
Ω
5V
RS
RO
Connected to prevent overshoot and undershoot when
LD current rises and falls. Optimal values depend on
the type of laser used and the board pattern.
1.5k
Ω
RB
150
Ω
VB
Vref
Vr
CH
NC
S/H
5V
0.047µF
1
2
3
4
5
6
7
8
9
10
1.5V
Vcc2
Digital
GND2
Digital
Vcc1
Analog
GND1
Analog
TTL input
Charge/
discharge
control circuit
Reference
voltage
2. Example of controlling sample-and-hold circuit by means of
DATA signal
When the M61880 is used in optical communications, etc., (when the
S/H signal cannot be supplied), the DATA signal
can be used as a sample-and-hold control signal.
In this case, the
S/H pin should be fixed at “L”. If value CH of the hold capacitor connected to the CH pin is 0.047µF,
switching at around 20 Mbps is possible.
3. Examples of varying LD switching drive current by means of external control
(1) Varying the monitoring load resistance value (resistance connected between pins 11 and 12)
The LD drive current can be varied by varying the resistance between pins 11 and 12 in the circuit in 1. above.
(2) Varying the voltage applied to the Vr pin
The LD drive current can be varied by applying an external voltage (within the reference voltage input range) to pin
6 in the circuit in 1. above. A maximum multiplication factor of 2/0.35 = 5.7 times can be obtained as the LD drive
current ratio in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com