Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp M61880FP Datasheet HTML 14Page - Renesas Technology Corp M61880FP Datasheet HTML 15Page - Renesas Technology Corp M61880FP Datasheet HTML 16Page - Renesas Technology Corp M61880FP Datasheet HTML 17Page - Renesas Technology Corp M61880FP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 14 of 20
Sample-and-Hold Type APC Operation
A timing chart for a case where a sample-and-hold type APC circuit is configured using an M61880FP (Figure 1) is
shown in Figure 2 on the following page.
The operation of a sample-and-hold type APC circuit will be described here using the timing chart in Figure 2. It is
assumed that the laser drive current is set to 50 mA (bias current = 0 mA), and the values shown in Figure 1 are used as
constants required for calculation purposes.
20
19
18
17
16
15
14
13
12
11
ISW
50k
IB
2.5V
COMP
2RM
1RM
ENB
DATA
PD
5V
VCC
LD
NC
100pF
36
Ω
10
Ω
5V
RS
RO
RB
VB
Vref
Vr
CH
NC
S/H
5V
0.047µF
1
2
3
4
5
6
7
8
9
10
IPD
RM
1.5V
Vcc2
Digital
GND2
Digital
Vcc1
Analog
GND1
Analog
TTL input
Charge/
discharge
control circuit
Reference
voltage
Figure 1 Example of Sample-and-Hold Type APC Circuit Application
1. Initial sampling period (T1)
When sampling starts, the CH pin voltage is 0 V, and therefore the laser diode (LD) is not emitting light. Consequently,
the voltage of the COMP input pin (pin 12) is also 0 V. Next, COMP starts charging the hold capacitor connected to
CH (current also starts flowing in the LD in proportion to the rise of the CH pin voltage, and the pin 12 voltage also
rises), and charging is performed until the pin 12 voltage reaches comparison voltage Vr.
In this case, the CH pin voltage rises from 0 V to VCH due to the M61880FP’s CH pin load charge current (Icg). Time
t required for this is given by the following equation.
t =
CH
× VCH
Icg
............................ Equation (1)
In Equation (1), if CH = 0.047
µF, VCH = 2.5 V, and Icg = 0.66 mA (*), then t = 178µs.
* Minimum Icg specification value in “Electrical Characteristics” in this Specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com