Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61880FP Datasheet HTML 1Page - Renesas Technology Corp M61880FP Datasheet HTML 2Page - Renesas Technology Corp M61880FP Datasheet HTML 3Page - Renesas Technology Corp M61880FP Datasheet HTML 4Page - Renesas Technology Corp M61880FP Datasheet HTML 5Page - Renesas Technology Corp M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Rev.1.0, Sep.19.2003, page 1 of 20
M61880FP
Laser Diode Driver/Controller
REJ03F0068-0100Z
Rev.1.0
Sep.19.2003
Description
The M61880FP is a laser diode driver/controller that performs drive and laser power control of a type of semiconductor
laser diode in which the semiconductor laser diode anode and monitoring photodiode cathode are connected to the stem.
The M61880FP has a sink type laser drive current output pin, is capable of high-speed switching at up to 200 Mbps,
and can drive a laser diode at a maximum drive current of 100 mA (drive current = switching current + bias current).
A high-speed sample-and-hold circuit is incorporated, enabling a self-APC* system to be implemented without the
need for laser power control from outside.
* Automatic Power Control
Features
• On-chip self-APC sample-and-hold circuit
High-speed sampling circuit
APC 1% variance response time = 1 µs (C = 0.047 µF)
High-impedance hold circuit
(1% error or less at C = 0.047 µF, t = 1 ms)
• High-speed switching (200 Mbps max.)
• High drive current (100 mA max.)
• Bias current settable (40 mA max.)
• 5 V single power supply
Application
Semiconductor laser diode application systems (LBPs, PPCs, optical communications, measuring instruments, etc.)
Pin Configuration (Top View)
20
17
18
19
1
4
3
2
16
5
15
6
14
7
13
8
12
9
11
10
VCC2
RO
NC
LD
GND2
PD
DATA
ENB
2RM
1RM
RS
GND1
Power supply 2
Laser current load output
Laser current output
Ground 2
Monitoring photodiode
current input
Switching data input
Laser current enable input
Monitoring load resistance
connection pins
Switching current setting
resistance connection pin
Ground 1
Bias current setting resistance
connection pin
Bias current setting voltage input
Reference voltage output
Reference voltage input
Hold capacitance connection pin
Sample-and-hold control input
Power supply 1
NC: Not connected
Package: 20P2N-A
RB
VB
Vref
Vr
VCC1
NC
CH
S/H


Similar Part No. - M61880FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
More results

Similar Description - M61880FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M61880FP MITSUBISHI-M61880FP Datasheet
160Kb / 6P
Laser-diode driver / controller
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
LASER-DIODE DRIVER
M66515FP MITSUBISHI-M66515FP Datasheet
174Kb / 7P
LASER-DIODE DRIVER/CONTROLLER
M66516FP MITSUBISHI-M66516FP Datasheet
228Kb / 10P
LASER-DIODE DRIVER/CONTROLLER
logo
Renesas Technology Corp
M66515FP RENESAS-M66515FP Datasheet
173Kb / 12P
Laser Diode Driver/Controller
logo
IC-Haus GmbH
IC-VJ ICHAUS-IC-VJ Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
Laser Diode Driver
logo
IC-Haus GmbH
VJSO16N ICHAUS-VJSO16N Datasheet
293Kb / 10P
LASER DIODE CONTROLLER
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com