Electronic Components Datasheet Search
  English  ▼

X  

M61880FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M61880FP
Description  Laser Diode Driver/Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61880FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M61880FP Datasheet HTML 6Page - Renesas Technology Corp M61880FP Datasheet HTML 7Page - Renesas Technology Corp M61880FP Datasheet HTML 8Page - Renesas Technology Corp M61880FP Datasheet HTML 9Page - Renesas Technology Corp M61880FP Datasheet HTML 10Page - Renesas Technology Corp M61880FP Datasheet HTML 11Page - Renesas Technology Corp M61880FP Datasheet HTML 12Page - Renesas Technology Corp M61880FP Datasheet HTML 13Page - Renesas Technology Corp M61880FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
M61880FP
Rev.1.0, Sep.19.2003, page 10 of 20
Note 1: Test Circuit
P.G.
50
Ω
0.047µF
Other pins open
840
Ω
RM
GND
ENB
S/H
2RM
1RM
RS
DATA
Vr
CH
RO
PD
LD
20
Ω
PD
LD
50
Ω
P.G.
VCC
ILD
Oscilloscope (input)
Oscilloscope (input)
Current probe
Oscilloscope (output)
90%
DATA voltage
LD voltage
LD current
Vr voltage
90%
ILD (H)
ILD (L)
10%
tf
tr
10%
0%
1.5V
TRP1 (TRP2)TRP1 (TRP2)
90%
10%
ILD (H)
ILD (L)
1.5 V ± variance amount



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com