Electronic Components Datasheet Search
  English  ▼

X  

R8C2A Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 71Page - Renesas Technology Corp R8C2A Datasheet HTML 72Page - Renesas Technology Corp R8C2A Datasheet HTML 73Page - Renesas Technology Corp R8C2A Datasheet HTML 74Page - Renesas Technology Corp R8C2A Datasheet HTML 75Page - Renesas Technology Corp R8C2A Datasheet HTML 76Page - Renesas Technology Corp R8C2A Datasheet HTML 77Page - Renesas Technology Corp R8C2A Datasheet HTML 78Page - Renesas Technology Corp R8C2A Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 609 page
background image
R8C/2A Group, R8C/2B Group
7. Programmable I/O Ports
Rev.2.00
Nov 26, 2007
Page 55 of 580
REJ09B0324-0200
7.
Programmable I/O Ports
There are 55 programmable Input/Output ports (I/O ports) P0 to P3, P4_3 to P4_5, P5_0 to P5_4, P6, and P8_0 to
P8_6. Also, P4_6 and P4_7 can be used as input-only ports if the XIN clock oscillation circuit is not used.
Table 7.1 lists an Overview of Programmable I/O Ports.
NOTES:
1. In input mode, whether an internal pull-up resistor is connected or not can be selected by registers
PUR0, PUR1, and PUR2.
2. When the XIN clock oscillation circuit is not used, these ports can be used as the input-only ports.
7.1
Functions of Programmable I/O Ports
The PDi_j (j = 0 to 7) bit in the PDi (i = 0 to 6, 8) register controls I/O of the ports P0 to P3, P4_3 to P4_5, P5_0 to
P5_4, P6, and P8_0 to P8_6. The Pi register consists of a port latch to hold output data and a circuit to read pin
states.
Figures 7.1 to 7.10 show the Configurations of Programmable I/O Ports. Table 7.2 lists the Functions of
Programmable I/O Ports. Also, Figure 7.12 shows the PDi (i = 0 to 6 and 8) Registers. Figure 7.13 shows the Pi (i =
0 to 6 and 8) Registers, Figure 7.14 shows the P2DRR Register, Figure 7.15 shows the PMR Register, and Figure
7.16 shows Registers PUR0, PUR1, and PUR2.
i = 0 to 6, 8, j = 0 to 7
NOTE:
1. Nothing is assigned to bits PD4_0 to PD4_2, PD4_6, and PD4_7.
Table 7.1
Overview of Programmable I/O Ports
Ports
I/O
Type of Output
I/O Setting
Internal Pull-Up Resister
P0 to P3, P5_0 to P5_3,
P6, P8_0 to P8_3
I/O CMOS3 State
Set per bit
Set every 4 bits(1)
P4_3, P5_4
I/O CMOS3 State
Set per bit
Set every bit(1)
P4_4, P4_5
I/O CMOS3 State
Set per bit
Set every 2 bits(1)
P4_6, P4_7(2)
I
(No output function)
None
None
P8_4 to P8_6
I/O CMOS3 State
Set per bit
Set every 3 bits(1)
Table 7.2
Functions of Programmable I/O Ports
Operation When
Accessing
Pi Register
Value of PDi_j Bit in PDi Register(1)
When PDi_j Bit is Set to 0 (Input Mode)
When PDi_j Bit is Set to 1 (Output Mode)
Reading
Read pin input level
Read the port latch
Writing
Write to the port latch
Write to the port latch. The value written to
the port latch is output from the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com