Electronic Components Datasheet Search
  English  ▼

X  

R8C2A Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 86Page - Renesas Technology Corp R8C2A Datasheet HTML 87Page - Renesas Technology Corp R8C2A Datasheet HTML 88Page - Renesas Technology Corp R8C2A Datasheet HTML 89Page - Renesas Technology Corp R8C2A Datasheet HTML 90Page - Renesas Technology Corp R8C2A Datasheet HTML 91Page - Renesas Technology Corp R8C2A Datasheet HTML 92Page - Renesas Technology Corp R8C2A Datasheet HTML 93Page - Renesas Technology Corp R8C2A Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 609 page
background image
R8C/2A Group, R8C/2B Group
7. Programmable I/O Ports
Rev.2.00
Nov 26, 2007
Page 70 of 580
REJ09B0324-0200
Figure 7.14
P2DRR Register
Figure 7.15
PMR Register
Port P2 Drive Capacity Control Register
Symbol
Address
After Reset
P2DRR
00F4h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1. Both “H” and “L” output are set to high drive capacity.
P2DRR7
P2DRR5
RW
Set P2 output transistor drive capacity
0 : Low
1 : High(1)
P2DRR2
P2_7 drive capacity
P2_3 drive capacity
P2DRR6
P2_6 drive capacity
b3 b2 b1 b0
P2DRR0
b7 b6 b5 b4
RW
P2_1 drive capacity
P2_0 drive capacity
P2DRR3
P2_2 drive capacity
P2DRR1
RW
RW
RW
P2DRR4
RW
P2_4 drive capacity
RW
P2_5 drive capacity
RW
Port Mode Register
Symbol
Address
After Reset
PMR
00F8h
00h
Bit Symbol
Bit Name
Function
RW
INT1
_____
pin select bit
INT2
_____
pin select bit
IICSEL
RW
0 : Selects SSU function
1 : Selects I2C bus function
0 : Selects P6_6
1 : Selects P3_2
To use the UART1, set to 1.
Set to 0.
RW
SSU / I2C bus sw itch bit
RW
b0
RW
Reserved bits
U1PINSEL
UART1 enable bit
INT2SEL
—
(b6-b5)
INT1SEL
0 : Selects P1_5, P1_7
1 : Selects P3_6
b3 b2
0
b1
0
b7 b6 b5 b4
00
RW
—
(b3-b2)
Reserved bits
Set to 0.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com