Electronic Components Datasheet Search
  English  ▼

X  

R8C2A Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 12Page - Renesas Technology Corp R8C2A Datasheet HTML 13Page - Renesas Technology Corp R8C2A Datasheet HTML 14Page - Renesas Technology Corp R8C2A Datasheet HTML 15Page - Renesas Technology Corp R8C2A Datasheet HTML 16Page - Renesas Technology Corp R8C2A Datasheet HTML 17Page - Renesas Technology Corp R8C2A Datasheet HTML 18Page - Renesas Technology Corp R8C2A Datasheet HTML 19Page - Renesas Technology Corp R8C2A Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 609 page
background image
B - 3
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
159
0101h
Timer RA I/O Control Register
TRAIOC
159, 161, 164,
166, 168, 171
0102h
Timer RA Mode Register
TRAMR
160
0103h
Timer RA Prescaler Register
TRAPRE
160
0104h
Timer RA Register
TRA
160
0105h
LIN Control Register 2
LINCR2
459
0106h
LIN Control Register
LINCR
459
0107h
LIN Status Register
LINST
460
0108h
Timer RB Control Register
TRBCR
175
0109h
Timer RB One-Shot Control Register
TRBOCR
175
010Ah
Timer RB I/O Control Register
TRBIOC
176, 178, 182,
184, 189
010Bh
Timer RB Mode Register
TRBMR
176
010Ch
Timer RB Prescaler Register
TRBPRE
177
010Dh
Timer RB Secondary Register
TRBSC
177
010Eh
Timer RB Primary Register
TRBPR
177
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter
Data Register
TRESEC
346, 354
0119h
Timer RE Minute Data Register / Compare
Data Register
TREMIN
346, 354
011Ah
Timer RE Hour Data Register
TREHR
347
011Bh
Timer RE Day of Week Data Register
TREWK
347
011Ch
Timer RE Control Register 1
TRECR1
348, 355
011Dh
Timer RE Control Register 2
TRECR2
349, 355
011Eh
Timer RE Clock Source Select Register
TRECSR
350, 356
011Fh
0120h
Timer RC Mode Register
TRCMR
198
0121h
Timer RC Control Register 1
TRCCR1
199, 222, 226,
231
0122h
Timer RC Interrupt Enable Register
TRCIER
200
0123h
Timer RC Status Register
TRCSR
201
0124h
Timer RC I/O Control Register 0
TRCIOR0
206, 215, 220
0125h
Timer RC I/O Control Register 1
TRCIOR1
206, 216, 221
0126h
Timer RC Counter
TRC
202
0127h
0128h
Timer RC General Register A
TRCGRA
202
0129h
012Ah
Timer RC General Register B
TRCGRB
202
012Bh
012Ch
Timer RC General Register C
TRCGRC
202
012Dh
012Eh
Timer RC General Register D
TRCGRD
202
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
203
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
204
0132h
Timer RC Output Master Enable Register
TRCOER
205
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
251, 266, 284,
298, 309, 324
0138h
Timer RD Mode Register
TRDMR
251, 266, 284,
298, 310, 325
0139h
Timer RD PWM Mode Register
TRDPMR
252, 267, 285
013Ah
Timer RD Function Control Register
TRDFCR
253, 268, 286,
299, 311, 326
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
269, 287, 300,
312, 327
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
269, 287, 300,
312, 327
013Dh
Timer RD Output Control Register
TRDOCR
270, 288, 328
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
254
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
254
0140h
Timer RD Control Register 0
TRDCR0
255, 271, 288,
301, 313, 329
0141h
Timer RD I/O Control Register A0
TRDIORA0
256, 272
0142h
Timer RD I/O Control Register C0
TRDIORC0
257, 273
0143h
Timer RD Status Register 0
TRDSR0
258, 274, 289,
302, 314, 330
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
259, 275, 290,
303, 315, 331
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
291
0146h
Timer RD Counter 0
TRD0
259, 276, 291,
303, 316, 331
0147h
0148h
Timer RD General Register A0
TRDGRA0
260, 276, 292,
304, 316, 332
0149h
014Ah
Timer RD General Register B0
TRDGRB0
260, 276, 292,
304, 316, 332
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
260, 276, 292,
304, 332
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
260, 276, 292,
304, 316, 332
014Fh
0150h
Timer RD Control Register 1
TRDCR1
255, 271, 288,
313
0151h
Timer RD I/O Control Register A1
TRDIORA1
256, 272
0152h
Timer RD I/O Control Register C1
TRDIORC1
257, 273
0153h
Timer RD Status Register 1
TRDSR1
258, 274, 289,
302, 314, 330
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
259, 275, 290,
303, 315, 331
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
291
0156h
Timer RD Counter 1
TRD1
259, 276, 291,
316
0157h
0158h
Timer RD General Register A1
TRDGRA1
260, 276, 292,
304, 316, 332
0159h
015Ah
Timer RD General Register B1
TRDGRB1
260, 276, 292,
304, 316, 332
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
260, 276, 292,
304, 316, 332
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
260, 276, 292,
304, 316, 332
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com