Electronic Components Datasheet Search
  English  ▼

X  

R8C2A Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C2A
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  609 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2A Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C2A Datasheet HTML 11Page - Renesas Technology Corp R8C2A Datasheet HTML 12Page - Renesas Technology Corp R8C2A Datasheet HTML 13Page - Renesas Technology Corp R8C2A Datasheet HTML 14Page - Renesas Technology Corp R8C2A Datasheet HTML 15Page - Renesas Technology Corp R8C2A Datasheet HTML 16Page - Renesas Technology Corp R8C2A Datasheet HTML 17Page - Renesas Technology Corp R8C2A Datasheet HTML 18Page - Renesas Technology Corp R8C2A Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 609 page
background image
B - 2
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0080h
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
0089h
008Ah
008Bh
008Ch
008Dh
008Eh
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
377
00A1h
UART0 Bit Rate Register
U0BRG
377
00A2h
UART0 Transmit Buffer Register
U0TB
378
00A3h
00A4h
UART0 Transmit / Receive Control Register 0 U0C0
378
00A5h
UART0 Transmit / Receive Control Register 1 U0C1
379
00A6h
UART0 Receive Buffer Register
U0RB
379
00A7h
00A8h
UART1 Transmit/Receive Mode Register
U1MR
377
00A9h
UART1 Bit Rate Register
U1BRG
377
00AAh
UART1 Transmit Buffer Register
U1TB
378
00ABh
00ACh
UART1 Transmit/Receive Control Register 0
U1C0
378
00ADh
UART1 Transmit/Receive Control Register 1
U1C1
379
00AEh
UART1 Receive Buffer Register
U1RB
379
00AFh
00B0h
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
SS Control Register H / IIC bus Control Register 1 SSCRH/ICCR1
397, 427
00B9h
SS Control Register L / IIC bus Control Register 2 SSCRL/ICCR2
398, 428
00BAh
SS Mode Register / IIC bus Mode Register
SSMR/ICMR
399, 429
00BBh
SS Enable Register / IIC bus Interrupt Enable
Register
SSER/ICIER
400, 430
00BCh
SS Status Register / IIC bus Status Register
SSSR/ICSR
401, 431
00BDh
SS Mode Register 2 / Slave Address Register SSMR2/SAR
402, 432
00BEh
SS Transmit Data Register/IIC Bus Transmit
Data Register
SSTDR/ICDRT
403, 432
00BFh
SS Receive Data Register/IIC Bus Receive
Data Register
SSRDR/ICDRR
403, 433
Address
Register
Symbol
Page
00C0h
00C1h
00C2h
00C3h
00C4h
00C5h
00C6h
00C7h
00C8h
00C9h
00CAh
00CBh
00CCh
00CDh
00CEh
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
00D5h
00D6h
00D7h
00D8h
D/A Register 0
DA0
488
00D9h
00DAh
D/A Register 1
DA1
488
00DBh
00DCh
D/A Control Register
DACON
488
00DDh
00DEh
00DFh
00E0h
Port P0 Register
P0
69
00E1h
Port P1 Register
P1
69
00E2h
Port P0 Direction Register
PD0
68
00E3h
Port P1 Direction Register
PD1
68
00E4h
Port P2 Register
P2
69
00E5h
Port P3 Register
P3
69
00E6h
Port P2 Direction Register
PD2
68
00E7h
Port P3 Direction Register
PD3
68
00E8h
Port P4 Register
P4
69
00E9h
Port P5 Register
P5
69
00EAh
Port P4 Direction Register
PD4
68
00EBh
Port P5 Direction Register
PD5
68
00ECh
Port P6 Register
P6
69
00EDh
00EEh
Port P6 Direction Register
PD6
68
00EFh
00F0h
00F1h
00F2h
00F3h
00F4h
Port P2 Drive Capacity Control Register
P2DRR
70
00F5h
UART1 Function Select Register
U1SR
380
00F6h
00F7h
00F8h
Port Mode Register
PMR
70, 136, 380,
403, 433
00F9h
External Input Enable Register
INTEN
137
00FAh
INT Input Filter Select Register
INTF
138
00FBh
Key Input Enable Register
KIEN
141
00FCh
Pull-Up Control Register 0
PUR0
71
00FDh
Pull-Up Control Register 1
PUR1
71
00FEh
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com