| Electronic Components Datasheet Search |
|
R8C2A Datasheet(PDF) 98 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2A Datasheet(HTML) 98 Page - Renesas Technology Corp |
|
98 / 609 page ![]() R8C/2A Group, R8C/2B Group 7. Programmable I/O Ports Rev.2.00 Nov 26, 2007 Page 78 of 580 REJ09B0324-0200 X: 0 or 1 NOTES: 1. Pulled up by setting the PU05 bit in the PUR0 register to 1. 2. Output drive capacity high by setting the P2DRR6 bit in the P2DRR register to 1. X: 0 or 1 NOTES: 1. Pulled up by setting the PU05 bit in the PUR0 register to 1. 2. Output drive capacity high by setting the P2DRR7 bit in the P2DRR register to 1. Table 7.26 Port P2_6/TRDIOC1 Register PD2 TRDOER1 TRDFCR TRDPMR TRDIORC1 Function Bit PD2_6 EC1 CMD1 CMD0 PWM3 PWMC1 IOC2 IOC1 IOC0 Setting Value 0 1 XXX X X X X Input port(1) 1 1 XXX X X X X Output port(2) 0 X 0 0 1 0 1 X X Timer mode (input capture function) X0 10 XX X X X Complementary PWM mode waveform output(2) 11 X0 0 1 X X X X X Reset synchronous PWM mode waveform output(2) X 0 001 1 X X X PWM mode waveform output(2) X 0 001 0 00 1 Timer mode waveform output (output compare function)(2) 01 X Table 7.27 Port P2_7/TRDIOD1 Register PD2 TRDOER1 TRDFCR TRDPMR TRDIORC1 Function Bit PD2_7 ED1 CMD1 CMD0 PWM3 PWMD1 IOD2 IOD1 IOD0 Setting Value 0 1 XXX X X X X Input port(1) 1 1 XXX X X X X Output port(2) 0 X 0 0 1 0 1 X X Timer mode (input capture function) X0 10 XX X X X Complementary PWM mode waveform output(2) 11 X0 0 1 X X X X X Reset synchronous PWM mode waveform output(2) X 0 001 1 X X X PWM mode waveform output(2) X 0 001 0 00 1 Timer mode waveform output (output compare function)(2) 01 X |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |