| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 540 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 540 Page - Renesas Technology Corp |
|
540 / 1348 page ![]() Section 12 Multi-Function Timer Pulse Unit 2 (MTU2) Rev. 2.00 Sep. 07, 2007 Page 508 of 1312 REJ09B0320-0200 (j) 10.Complementary PWM Mode PWM Output Generation Method In complementary PWM mode, 3-phase output is performed of PWM waveforms with a non- overlap time between the positive and negative phases. This non-overlap time is called the dead time. A PWM waveform is generated by output of the output level selected in the timer output control register in the event of a compare-match between a counter and data register. While TCNTS is counting, data register and temporary register values are simultaneously compared to create consecutive PWM pulses from 0 to 100%. The relative timing of on and off compare-match occurrence may vary, but the compare-match that turns off each phase takes precedence to secure the dead time and ensure that the positive phase and negative phase on times do not overlap. Figures 12.46 to 12.48 show examples of waveform generation in complementary PWM mode. The positive phase/negative phase off timing is generated by a compare-match with the solid-line counter, and the on timing by a compare-match with the dotted-line counter operating with a delay of the dead time behind the solid-line counter. In the T1 period, compare-match a that turns off the negative phase has the highest priority, and compare-matches occurring prior to a are ignored. In the T2 period, compare-match c that turns off the positive phase has the highest priority, and compare-matches occurring prior to c are ignored. In normal cases, compare-matches occur in the order a → b → c → d (or c → d → a' → b'), as shown in figure 12.46. If compare-matches deviate from the a → b → c → d order, since the time for which the negative phase is off is less than twice the dead time, the figure shows the positive phase is not being turned on. If compare-matches deviate from the c → d → a' → b' order, since the time for which the positive phase is off is less than twice the dead time, the figure shows the negative phase is not being turned on. If compare-match c occurs first following compare-match a, as shown in figure 12.47, compare- match b is ignored, and the negative phase is turned off by compare-match d. This is because turning off of the positive phase has priority due to the occurrence of compare-match c (positive phase off timing) before compare-match b (positive phase on timing) (consequently, the waveform does not change since the positive phase goes from off to off). Similarly, in the example in figure 12.48, compare-match a' with the new data in the temporary register occurs before compare-match c, but other compare-matches occurring up to c, which turns off the positive phase, are ignored. As a result, the negative phase is not turned on. Thus, in complementary PWM mode, compare-matches at turn-off timings take precedence, and turn-on timing compare-matches that occur before a turn-off timing compare-match are ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |