Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 536 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 536 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 532Page - Renesas Technology Corp SH7261 Datasheet HTML 533Page - Renesas Technology Corp SH7261 Datasheet HTML 534Page - Renesas Technology Corp SH7261 Datasheet HTML 535Page - Renesas Technology Corp SH7261 Datasheet HTML 536Page - Renesas Technology Corp SH7261 Datasheet HTML 537Page - Renesas Technology Corp SH7261 Datasheet HTML 538Page - Renesas Technology Corp SH7261 Datasheet HTML 539Page - Renesas Technology Corp SH7261 Datasheet HTML 540Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 504 of 1312
REJ09B0320-0200
(h)
Register Data Updating
In complementary PWM mode, the buffer register is used to update the data in a compare register.
The update data can be written to the buffer register at any time. There are five PWM duty and
carrier cycle registers that have buffer registers and can be updated during operation.
There is a temporary register between each of these registers and its buffer register. When
subcounter TCNTS is not counting, if buffer register data is updated, the temporary register value
is also rewritten. Transfer is not performed from buffer registers to temporary registers when
TCNTS is counting; in this case, the value written to a buffer register is transferred after TCNTS
halts.
The temporary register value is transferred to the compare register at the data update timing set
with bits MD3 to MD0 in the timer mode register (TMDR). Figure 12.43 shows an example of
data updating in complementary PWM mode. This example shows the mode in which data
updating is performed at both the counter crest and trough.
When rewriting buffer register data, a write to TGRD_4 must be performed at the end of the
update. Data transfer from the buffer registers to the temporary registers is performed
simultaneously for all five registers after the write to TGRD_4.
A write to TGRD_4 must be performed after writing data to the registers to be updated, even when
not updating all five registers, or when updating the TGRD_4 data. In this case, the data written to
TGRD_4 should be the same as the data prior to the write operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com