Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 529Page - Renesas Technology Corp SH7261 Datasheet HTML 530Page - Renesas Technology Corp SH7261 Datasheet HTML 531Page - Renesas Technology Corp SH7261 Datasheet HTML 532Page - Renesas Technology Corp SH7261 Datasheet HTML 533Page - Renesas Technology Corp SH7261 Datasheet HTML 534Page - Renesas Technology Corp SH7261 Datasheet HTML 535Page - Renesas Technology Corp SH7261 Datasheet HTML 536Page - Renesas Technology Corp SH7261 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 501 of 1312
REJ09B0320-0200
(d)
PWM Output Level Setting
In complementary PWM mode, the PWM pulse output level is set with bits OLSN and OLSP in
timer output control register 1 (TOCR1) or bits OLS1P to OLS3P and OLS1N to OLS3N in timer
output control register 2 (TOCR2).
The output level can be set for each of the three positive phases and three negative phases of 6-
phase output.
Complementary PWM mode should be cleared before setting or changing output levels.
(e)
Dead Time Setting
In complementary PWM mode, PWM pulses are output with a non-overlapping relationship
between the positive and negative phases. This non-overlap time is called the dead time.
The non-overlap time is set in the timer dead time data register (TDDR). The value set in TDDR is
used as the TCNT_3 counter start value, and creates non-overlap between TCNT_3 and TCNT_4.
Complementary PWM mode should be cleared before changing the contents of TDDR.
(f)
Dead Time Suppressing
Dead time generation is suppressed by clearing the TDER bit in the timer dead time enable
register (TDER) to 0. TDER can be cleared to 0 only when 0 is written to it after reading TDER =
1.
TGRA_3 and TGRC_3 should be set to 1/2 PWM carrier cycle + 1 and the timer dead time data
register (TDDR) should be set to 1.
By the above settings, PWM waveforms without dead time can be obtained. Figure 12.41 shows
an example of operation without dead time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com