Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 529 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 529 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 525Page - Renesas Technology Corp SH7261 Datasheet HTML 526Page - Renesas Technology Corp SH7261 Datasheet HTML 527Page - Renesas Technology Corp SH7261 Datasheet HTML 528Page - Renesas Technology Corp SH7261 Datasheet HTML 529Page - Renesas Technology Corp SH7261 Datasheet HTML 530Page - Renesas Technology Corp SH7261 Datasheet HTML 531Page - Renesas Technology Corp SH7261 Datasheet HTML 532Page - Renesas Technology Corp SH7261 Datasheet HTML 533Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 529 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 497 of 1312
REJ09B0320-0200
(2)
Outline of Complementary PWM Mode Operation
In complementary PWM mode, 6-phase PWM output is possible. Figure 12.39 illustrates counter
operation in complementary PWM mode, and figure 12.40 shows an example of complementary
PWM mode operation.
(a)
Counter Operation
In complementary PWM mode, three counters—TCNT_3, TCNT_4, and TCNTS—perform
up/down-count operations.
TCNT_3 is automatically initialized to the value set in TDDR when complementary PWM mode
is selected and the CST bit in TSTR is 0.
When the CST bit is set to 1, TCNT_3 counts up to the value set in TGRA_3, then switches to
down-counting when it matches TGRA_3. When the TCNT3 value matches TDDR, the counter
switches to up-counting, and the operation is repeated in this way.
TCNT_4 is initialized to H'0000.
When the CST bit is set to 1, TCNT_4 counts up in synchronization with TCNT_3, and switches
to down-counting when it matches TCDR. On reaching H'0000, TCNT4 switches to up-counting,
and the operation is repeated in this way.
TCNTS is a read-only counter. It need not be initialized.
When TCNT_3 matches TCDR during TCNT_3 and TCNT_4 up/down-counting, down-counting
is started, and when TCNTS matches TCDR, the operation switches to up-counting. When
TCNTS matches TGRA_3, it is cleared to H'0000.
When TCNT_4 matches TDDR during TCNT_3 and TCNT_4 down-counting, up-counting is
started, and when TCNTS matches TDDR, the operation switches to down-counting. When
TCNTS reaches H'0000, it is set with the value in TGRA_3.
TCNTS is compared with the compare register and temporary register in which the PWM duty is
set during the count operation only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com