Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 525 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 525 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 521Page - Renesas Technology Corp SH7261 Datasheet HTML 522Page - Renesas Technology Corp SH7261 Datasheet HTML 523Page - Renesas Technology Corp SH7261 Datasheet HTML 524Page - Renesas Technology Corp SH7261 Datasheet HTML 525Page - Renesas Technology Corp SH7261 Datasheet HTML 526Page - Renesas Technology Corp SH7261 Datasheet HTML 527Page - Renesas Technology Corp SH7261 Datasheet HTML 528Page - Renesas Technology Corp SH7261 Datasheet HTML 529Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 493 of 1312
REJ09B0320-0200
12.4.8
Complementary PWM Mode
In the complementary PWM mode, three-phase output of non-overlapping positive and negative
PWM waveforms can be obtained by combining channels 3 and 4. PWM waveforms without non-
overlapping interval is also available.
In complementary PWM mode, TIOC3B, TIOC3D, TIOC4A, TIOC4B, TIOC4C, and TIOC4D
pins function as PWM output pins, the TIOC3A pin can be set for toggle output synchronized with
the PWM period. TCNT_3 and TCNT_4 function as up/down counters.
Table 12.54 shows the PWM output pins used. Table 12.55 shows the settings of the registers
used.
Table 12.54 Output Pins for Complementary PWM Mode
Channel
Output Pin
Description
3
TIOC3A
Toggle output synchronized with PWM period (or I/O port)
TIOC3B
PWM output pin 1
TIOC3C
I/O port*
TIOC3D
PWM output pin 1'
(non-overlapping negative-phase waveform of PWM output 1;
PWM output without non-overlapping interval is also available)
4
TIOC4A
PWM output pin 2
TIOC4B
PWM output pin 3
TIOC4C
PWM output pin 2'
(non-overlapping negative-phase waveform of PWM output 2;
PWM output without non-overlapping interval is also available)
TIOC4D
PWM output pin 3'
(non-overlapping negative-phase waveform of PWM output 3;
PWM output without non-overlapping interval is also available)
Note:
*
Avoid setting the TIOC3C pin as a timer I/O pin in the complementary PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com