Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 535 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 535 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 531Page - Renesas Technology Corp SH7261 Datasheet HTML 532Page - Renesas Technology Corp SH7261 Datasheet HTML 533Page - Renesas Technology Corp SH7261 Datasheet HTML 534Page - Renesas Technology Corp SH7261 Datasheet HTML 535Page - Renesas Technology Corp SH7261 Datasheet HTML 536Page - Renesas Technology Corp SH7261 Datasheet HTML 537Page - Renesas Technology Corp SH7261 Datasheet HTML 538Page - Renesas Technology Corp SH7261 Datasheet HTML 539Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 503 of 1312
REJ09B0320-0200
(g)
PWM Cycle Setting
In complementary PWM mode, the PWM pulse cycle is set in two registers—TGRA_3, in which
the TCNT_3 upper limit value is set, and TCDR, in which the TCNT_4 upper limit value is set.
The settings should be made so as to achieve the following relationship between these two
registers:
With dead time: TGRA_3 set value = TCDR set value + TDDR set value
Without dead time: TGRA_3 set value = TCDR set value + 1
The TGRA_3 and TCDR settings are made by setting the values in buffer registers TGRC_3 and
TCBR. The values set in TGRC_3 and TCBR are transferred simultaneously to TGRA_3 and
TCDR in accordance with the transfer timing selected with bits MD3 to MD0 in the timer mode
register (TMDR).
The updated PWM cycle is reflected from the next cycle when the data update is performed at the
crest, and from the current cycle when performed in the trough. Figure 12.42 illustrates the
operation when the PWM cycle is updated at the crest.
See the following section, Register Data Updating, for the method of updating the data in each
buffer register.
Counter value TGRC_3
update
TGRA_3
update
TGRA_3
TCNT_3
TCNT_4
Time
Figure 12.42 Example of PWM Cycle Updating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com