Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 538 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 538 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 534Page - Renesas Technology Corp SH7261 Datasheet HTML 535Page - Renesas Technology Corp SH7261 Datasheet HTML 536Page - Renesas Technology Corp SH7261 Datasheet HTML 537Page - Renesas Technology Corp SH7261 Datasheet HTML 538Page - Renesas Technology Corp SH7261 Datasheet HTML 539Page - Renesas Technology Corp SH7261 Datasheet HTML 540Page - Renesas Technology Corp SH7261 Datasheet HTML 541Page - Renesas Technology Corp SH7261 Datasheet HTML 542Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 506 of 1312
REJ09B0320-0200
(i)
Initial Output in Complementary PWM Mode
In complementary PWM mode, the initial output is determined by the setting of bits OLSN and
OLSP in timer output control register 1 (TOCR1) or bits OLS1N to OLS3N and OLS1P to OLS3P
in timer output control register 2 (TOCR2).
This initial output is the PWM pulse non-active level, and is output from when complementary
PWM mode is set with the timer mode register (TMDR) until TCNT_4 exceeds the value set in
the dead time register (TDDR). Figure 12.44 shows an example of the initial output in
complementary PWM mode.
An example of the waveform when the initial PWM duty value is smaller than the TDDR value is
shown in figure 12.45.
Timer output control register settings
OLSN bit: 0 (initial output: high; active level: low)
OLSP bit: 0 (initial output: high; active level: low)
TCNT_3 and TCNT_4 values
TGRA_4
TDDR
TCNT_3
TCNT_4
Initial output
Dead time
Time
Active level
Active level
TCNT_3 and TCNT_4 count start
(TSTR setting)
Complementary
PWM mode
(TMDR setting)
Positive phase
output
Negative phase
output
Figure 12.44 Example of Initial Output in Complementary PWM Mode (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com