Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 547Page - Renesas Technology Corp SH7261 Datasheet HTML 548Page - Renesas Technology Corp SH7261 Datasheet HTML 549Page - Renesas Technology Corp SH7261 Datasheet HTML 550Page - Renesas Technology Corp SH7261 Datasheet HTML 551Page - Renesas Technology Corp SH7261 Datasheet HTML 552Page - Renesas Technology Corp SH7261 Datasheet HTML 553Page - Renesas Technology Corp SH7261 Datasheet HTML 554Page - Renesas Technology Corp SH7261 Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 519 of 1312
REJ09B0320-0200
(o)
Counter Clearing by TGRA_3 Compare Match
In complementary PWM mode, by setting the CCE bit in the timer waveform control register
(TWCR), it is possible to have TCNT_3, TCNT_4, and TCNTS cleared by TGRA_3 compare
match.
Figure 12.62 illustrates an operation example.
Notes: 1. Use this function only in complementary PWM mode 1 (transfer at crest).
2. Do not specify synchronous clearing by another channel (do not set the SYNC0 to
SYNC4 bits in the timer synchronous register (TSYR) to 1).
3. Do not set the PWM duty value to H'0000.
4. Do not set the PSYE bit in timer output control register 1 (TOCR1) to 1.
TGRA_3
TGRB_3
TCDR
TDDR
H'0000
Output waveform
Output waveform
Output waveform is active-high.
Counter cleared
by TGRA_3 compare match
Figure 12.62 Example of Counter Clearing Operation by TGRA_3 Compare Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com