Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 547 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 547 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 543Page - Renesas Technology Corp SH7261 Datasheet HTML 544Page - Renesas Technology Corp SH7261 Datasheet HTML 545Page - Renesas Technology Corp SH7261 Datasheet HTML 546Page - Renesas Technology Corp SH7261 Datasheet HTML 547Page - Renesas Technology Corp SH7261 Datasheet HTML 548Page - Renesas Technology Corp SH7261 Datasheet HTML 549Page - Renesas Technology Corp SH7261 Datasheet HTML 550Page - Renesas Technology Corp SH7261 Datasheet HTML 551Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 547 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 515 of 1312
REJ09B0320-0200
(n)
Output Waveform Control at Synchronous Counter Clearing in Complementary PWM
Mode
Setting the WRE bit in TWCR to 1 suppresses initial output when synchronous counter clearing
occurs in the Tb interval at the trough in complementary PWM mode and controls abrupt change
in duty cycle at synchronous counter clearing.
Initial output suppression is applicable only when synchronous clearing occurs in the Tb interval
at the trough as indicated by (10) or (11) in figure 12.56. When synchronous clearing occurs
outside that interval, the initial value specified by the OLS bits in TOCR is output. Even in the Tb
interval at the trough, if synchronous clearing occurs in the initial value output period (indicated
by (1) in figure 12.56) immediately after the counters start operation, initial value output is not
suppressed.
In the MTU2, synchronous clearing generated in channels 0 to 2 in the MTU2 can cause counter
clearing.
Tb interval
Tb interval
Tb interval
TGRA_3
TGRB_3
TCDR
TCNT_3
TCNT_4
TDDR
H'0000
Positive phase
Negative phase
Output waveform is active-low
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10) (11)
Counter start
Figure 12.56 Timing for Synchronous Counter Clearing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com