Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 541Page - Renesas Technology Corp SH7261 Datasheet HTML 542Page - Renesas Technology Corp SH7261 Datasheet HTML 543Page - Renesas Technology Corp SH7261 Datasheet HTML 544Page - Renesas Technology Corp SH7261 Datasheet HTML 545Page - Renesas Technology Corp SH7261 Datasheet HTML 546Page - Renesas Technology Corp SH7261 Datasheet HTML 547Page - Renesas Technology Corp SH7261 Datasheet HTML 548Page - Renesas Technology Corp SH7261 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 513 of 1312
REJ09B0320-0200
(k)
11.Complementary PWM Mode 0% and 100% Duty Output
In complementary PWM mode, 0% and 100% duty cycles can be output as required. Figures
12.49 to 12.53 show output examples.
100% duty output is performed when the data register value is set to H'0000. The waveform in this
case has a positive phase with a 100% on-state. 0% duty output is performed when the data
register value is set to the same value as TGRA_3. The waveform in this case has a positive phase
with a 100% off-state.
On and off compare-matches occur simultaneously, but if a turn-on compare-match and turn-off
compare-match for the same phase occur simultaneously, both compare-matches are ignored and
the waveform does not change.
(l)
12.Toggle Output Synchronized with PWM Cycle
In complementary PWM mode, toggle output can be performed in synchronization with the PWM
carrier cycle by setting the PSYE bit to 1 in the timer output control register (TOCR). An example
of a toggle output waveform is shown in figure 12.54.
This output is toggled by a compare-match between TCNT_3 and TGRA_3 and a compare-match
between TCNT4 and H'0000.
The output pin for this toggle output is the TIOC3A pin. The initial output is 1.
TGRA_3
H'0000
Toggle output
TIOC3A pin
TCNT_4
TCNT_3
Figure 12.54 Example of Toggle Output Waveform Synchronized with PWM Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com