Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 548 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 548 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 544Page - Renesas Technology Corp SH7261 Datasheet HTML 545Page - Renesas Technology Corp SH7261 Datasheet HTML 546Page - Renesas Technology Corp SH7261 Datasheet HTML 547Page - Renesas Technology Corp SH7261 Datasheet HTML 548Page - Renesas Technology Corp SH7261 Datasheet HTML 549Page - Renesas Technology Corp SH7261 Datasheet HTML 550Page - Renesas Technology Corp SH7261 Datasheet HTML 551Page - Renesas Technology Corp SH7261 Datasheet HTML 552Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 548 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 516 of 1312
REJ09B0320-0200
• Example of Procedure for Setting Output Waveform Control at Synchronous Counter Clearing
in Complementary PWM Mode
An example of the procedure for setting output waveform control at synchronous counter
clearing in complementary PWM mode is shown in figure 12.57.
Stop count operation
Output waveform control at
synchronous counter clearing
Set TWCR and
complementary PWM mode
Start count operation
Output waveform control at
synchronous counter clearing
[1]
[2]
[3]
[1] Clear bits CST3 and CST4 in the timer
start register (TSTR) to 0, and halt timer
counter (TCNT) operation. Perform
TWCR setting while TCNT_3 and
TCNT_4 are stopped.
[2] Read bit WRE in TWCR and then write 1
to it to suppress initial value output at
counter clearing.
[3] Set bits CST3 and CST4 in TSTR to 1 to
start count operation.
Figure 12.57 Example of Procedure for Setting Output Waveform Control at Synchronous
Counter Clearing in Complementary PWM Mode
• Examples of Output Waveform Control at Synchronous Counter Clearing in Complementary
PWM Mode
Figures 12.58 to 12.61 show examples of output waveform control in which the MTU2
operates in complementary PWM mode and synchronous counter clearing is generated while
the WRE bit in TWCR is set to 1. In the examples shown in figures 12.58 to 12.61,
synchronous counter clearing occurs at timing (3), (6), (8), and (11) shown in figure 12.56,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com