Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 556 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 556 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 552Page - Renesas Technology Corp SH7261 Datasheet HTML 553Page - Renesas Technology Corp SH7261 Datasheet HTML 554Page - Renesas Technology Corp SH7261 Datasheet HTML 555Page - Renesas Technology Corp SH7261 Datasheet HTML 556Page - Renesas Technology Corp SH7261 Datasheet HTML 557Page - Renesas Technology Corp SH7261 Datasheet HTML 558Page - Renesas Technology Corp SH7261 Datasheet HTML 559Page - Renesas Technology Corp SH7261 Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 524 of 1312
REJ09B0320-0200
TCNT_3
TCNT_4
Period during which
changing skipping count
can be performed
Period during which
changing skipping count
can be performed
Period during which
changing skipping count
can be performed
Period during which
changing skipping count
can be performed
Figure 12.68 Periods during which Interrupt Skipping Count can be Changed
(b)
Example of Interrupt Skipping Operation
Figure 12.69 shows an example of TGIA_3 interrupt skipping in which the interrupt skipping
count is set to three by the 3ACOR bit and the T3AEN bit is set to 1 in the timer interrupt skipping
set register (TITCR).
TGIA_3 interrupt
flag set signal
Skipping counter
TGFA_3 flag
Interrupt skipping period
00
01
02
03
00
01
02
03
Interrupt skipping period
Figure 12.69 Example of Interrupt Skipping Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com