Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 553Page - Renesas Technology Corp SH7261 Datasheet HTML 554Page - Renesas Technology Corp SH7261 Datasheet HTML 555Page - Renesas Technology Corp SH7261 Datasheet HTML 556Page - Renesas Technology Corp SH7261 Datasheet HTML 557Page - Renesas Technology Corp SH7261 Datasheet HTML 558Page - Renesas Technology Corp SH7261 Datasheet HTML 559Page - Renesas Technology Corp SH7261 Datasheet HTML 560Page - Renesas Technology Corp SH7261 Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 525 of 1312
REJ09B0320-0200
(c)
Buffer Transfer Control Linked with Interrupt Skipping
In complementary PWM mode, whether to transfer data from a buffer register to a temporary
register and whether to link the transfer with interrupt skipping can be specified with the BTE1
and BTE0 bits in the timer buffer transfer set register (TBTER).
Figure 12.70 shows an example of operation when buffer transfer is suppressed (BTE1 = 0 and
BTE0 = 1). While this setting is valid, data is not transferred from the buffer register to the
temporary register.
Figure 12.71 shows an example of operation when buffer transfer is linked with interrupt skipping
(BTE1 = 1 and BET0 = 0). While this setting is valid, data is not transferred from the buffer
register outside the buffer transfer-enabled period.
Note that the buffer transfer-enabled period depends on the T3AEN and T4VEN bit settings in the
timer interrupt skipping set register (TITCR). Figure 12.72 shows the relationship between the
T3AEN and T4VEN bit settings in TITCR and buffer transfer-enabled period.
Note:
This function must always be used in combination with interrupt skipping.
When interrupt skipping is disabled (the T3AEN and T4VEN bits in the timer interrupt
skipping set register (TITCR) are cleared to 0 or the skipping count set bits (3ACOR and
4VCOR) in TITCR are cleared to 0), make sure that buffer transfer is not linked with
interrupt skipping (clear the BTE1 bit in the timer buffer transfer set register (TBTER) to
0). If buffer transfer is linked with interrupt skipping while interrupt skipping is disabled,
buffer transfer is never performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com