Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 561 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 561 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 557Page - Renesas Technology Corp SH7261 Datasheet HTML 558Page - Renesas Technology Corp SH7261 Datasheet HTML 559Page - Renesas Technology Corp SH7261 Datasheet HTML 560Page - Renesas Technology Corp SH7261 Datasheet HTML 561Page - Renesas Technology Corp SH7261 Datasheet HTML 562Page - Renesas Technology Corp SH7261 Datasheet HTML 563Page - Renesas Technology Corp SH7261 Datasheet HTML 564Page - Renesas Technology Corp SH7261 Datasheet HTML 565Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 529 of 1312
REJ09B0320-0200
12.4.9
A/D Converter Start Request Delaying Function
A/D converter start requests can be issued in channel 4 by making settings in the timer A/D
converter start request control register (TADCR), timer A/D converter start request cycle set
registers (TADCORA_4 and TADCORB_4), and timer A/D converter start request cycle set
buffer registers (TADCOBRA_4 and TADCOBRB_4).
The A/D converter start request delaying function compares TCNT_4 with TADCORA_4 or
TADCORB_4, and when their values match, the function issues a respective A/D converter start
request (TRG4AN or TRG4BN).
A/D converter start requests (TRG4AN and TRG4BN) can be skipped in coordination with
interrupt skipping by making settings in the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in
TADCR.
(a)
Example of Procedure for Specifying A/D Converter Start Request Delaying Function
Figure 12.73 shows an example of procedure for specifying the A/D converter start request
delaying function.
Set A/D converter start request cycle
A/D converter start request
delaying function
• Set the timing of transfer
from cycle set buffer register
• Set linkage with interrupt skipping
• Enable A/D converter start
request delaying function
A/D converter start request
delaying function
Notes: 1. Perform TADCR setting while TCNT_4 is stopped.
2. Do not set BF1 to 1 when complementary PWM mode is not selected.
3. Do not set ITA3AE, ITA4VE, ITB3AE, ITB4VE, DT4AE, or DT4BE to 1
when complementary PWM mode is not selected.
[1]
[2]
[1] Set the cycle in the timer A/D converter start request cycle
buffer register (TADCOBRA_4 or TADCOBRB_4) and timer
A/D converter start request cycle register (TADCORA_4 or
TADCORB_4). (The same initial value must be specified in
the cycle buffer register and cycle register.)
[2] Use bits BF1 and BF2 in the timer A/D converter start
request control register (TADCR) to specify the timing of
transfer from the timer A/D converter start request cycle
buffer register to A/D converter start request cycle register.
• Specify whether to link with interrupt skipping through bits
ITA3AE, ITA4VE, ITB3AE, and ITB4VE.
• Use bits TU4AE, DT4AE, UT4BE, and DT4BE to enable
A/D conversion start requests (TRG4AN or TRG4BN).
Figure 12.73 Example of Procedure for Specifying A/D Converter
Start Request Delaying Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com