Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 561Page - Renesas Technology Corp SH7261 Datasheet HTML 562Page - Renesas Technology Corp SH7261 Datasheet HTML 563Page - Renesas Technology Corp SH7261 Datasheet HTML 564Page - Renesas Technology Corp SH7261 Datasheet HTML 565Page - Renesas Technology Corp SH7261 Datasheet HTML 566Page - Renesas Technology Corp SH7261 Datasheet HTML 567Page - Renesas Technology Corp SH7261 Datasheet HTML 568Page - Renesas Technology Corp SH7261 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 533 of 1312
REJ09B0320-0200
12.4.10
External Pulse Width Measurement
The pulse widths of up to three external input lines can be measured in channel 5.
(1)
Example of External Pulse Width Measurement Setting Procedure
Select counter clock
External pulse width
measurement
Select pulse width measuring
conditions
Start count operation
<External pulse width measurement>
Notes: 1. Do not set bits CMPCLR5U, CMPCLR5V, or CMPCLR5W in TCNTCMPCLR to 1.
2. Do not set bits TGIE5U, TGIE5V, or TGIE5W in TIER_5 to 1.
3. The value in TCNT is not captured in TGR.
[1] Use bits TPSC1 and TPSC0 in TCR to select the
counter clock.
[2] In TIOR, select the high level or low level for the pulse
width measuring condition.
[3] Set bits CST in TSTR to 1 to start count operation.
[1]
[2]
[3]
Figure 12.77 Example of External Pulse Width Measurement Setting Procedure
(2)
Example of External Pulse Width Measurement
0000
0001 0002 0003 0004
0005
0006 0007 0008
0009
TIC5U
TCNT5_U
P
φ
Figure 12.78 Example of External Pulse Width Measurement
(Measuring High Pulse Width)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com