Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 563 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 563 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 559Page - Renesas Technology Corp SH7261 Datasheet HTML 560Page - Renesas Technology Corp SH7261 Datasheet HTML 561Page - Renesas Technology Corp SH7261 Datasheet HTML 562Page - Renesas Technology Corp SH7261 Datasheet HTML 563Page - Renesas Technology Corp SH7261 Datasheet HTML 564Page - Renesas Technology Corp SH7261 Datasheet HTML 565Page - Renesas Technology Corp SH7261 Datasheet HTML 566Page - Renesas Technology Corp SH7261 Datasheet HTML 567Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 531 of 1312
REJ09B0320-0200
Figure 12.76 shows another example of A/D converter start request signal (TRG4AN) operation
when TRG4AN output is enabled during TCNT_4 up-counting and A/D converter start requests
are linked with interrupt skipping.
Note:
This function must be used in combination with interrupt skipping.
When interrupt skipping is disabled (the T3AEN and T4VEN bits in the timer interrupt
skipping set register (TITCR) are cleared to 0 or the skipping count set bits (3ACOR and
4VCOR) in TITCR are cleared to 0), make sure that A/D converter start requests are not
linked with interrupt skipping (clear the ITA3AE, ITA4VE, ITB3AE, and ITB4VE bits in
the timer A/D converter start request control register (TADCR) to 0).
TADCORA_4
TCNT_4
A/D converter start request (TRG4AN)
Note: *
When the interrupt skipping count is set to two.
TGIA_3 interrupt
skipping counter
TCIV_4 interrupt
skipping counter
TGIA_3 A/D request-enabled
period
TCIV_4 A/D request-enabled
period
When linked with TGIA_3 and TCIV_4
interrupt skipping
When linked with TGIA_3
interrupt skipping
When linked with TCIV_4
interrupt skipping
00
01
00
01
02
00
01
00
01
02
(UT4AE/DT4AE = 1)
Figure 12.75 Example of A/D Converter Start Request Signal (TRG4AN) Operation Linked
with Interrupt Skipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com