Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 564 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 564 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 560Page - Renesas Technology Corp SH7261 Datasheet HTML 561Page - Renesas Technology Corp SH7261 Datasheet HTML 562Page - Renesas Technology Corp SH7261 Datasheet HTML 563Page - Renesas Technology Corp SH7261 Datasheet HTML 564Page - Renesas Technology Corp SH7261 Datasheet HTML 565Page - Renesas Technology Corp SH7261 Datasheet HTML 566Page - Renesas Technology Corp SH7261 Datasheet HTML 567Page - Renesas Technology Corp SH7261 Datasheet HTML 568Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 564 / 1348 page
background image
Section 12 Multi-Function Timer Pulse Unit 2 (MTU2)
Rev. 2.00 Sep. 07, 2007 Page 532 of 1312
REJ09B0320-0200
A/D converter start request (TRG4AN)
Note: *
When the interrupt skipping count is set to two.
TGIA_3 interrupt
skipping counter
TCIV_4 interrupt
skipping counter
TGIA_3 A/D request-enabled
period
TCIV_4 A/D request-enabled
period
When linked with TGIA_3 and TCIV_4
interrupt skipping
When linked with TGIA_3
interrupt skipping
When linked with TCIV_4
interrupt skipping
TADCORA_4
TCNT_4
00
01
00
01
02
00
01
00
01
02
UT4AE = 1
DT4AE = 0
Figure 12.76 Example of A/D Converter Start Request Signal (TRG4AN) Operation Linked
with Interrupt Skipping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com